Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59291RGET Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59291RGET
Description  8/16-Channel, Constant Current LED Driver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59291RGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC59291RGET Datasheet HTML 3Page - Texas Instruments TLC59291RGET Datasheet HTML 4Page - Texas Instruments TLC59291RGET Datasheet HTML 5Page - Texas Instruments TLC59291RGET Datasheet HTML 6Page - Texas Instruments TLC59291RGET Datasheet HTML 7Page - Texas Instruments TLC59291RGET Datasheet HTML 8Page - Texas Instruments TLC59291RGET Datasheet HTML 9Page - Texas Instruments TLC59291RGET Datasheet HTML 10Page - Texas Instruments TLC59291RGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
(
) (
)
(
)
n
n
n
n
n
n
OLC( )
OUT
OLC( )
OUT
OLC( )
OUT
I
at V
3 V
I
at V
1 V
(%)
100 x
2 x I
at V
1 V
æ
ö
=
-
=
ç
÷
D
=
ç
÷
=
è
ø
(
) (
)
(
)
OLC(n)
CC
OLC(n)
CC
OLC(n)
CC
I
at V
5.5 V
-
I
at V
3 V
(%)
100 x
2.5 x I
at V
3 V
é
ù
=
=
ê
ú
D
=
ê
ú
=
ë
û
O(LC _ IDEAL)
IREF
1.20
I
54 x
R
æ
ö
=
ç
÷
è
ø
(
)
OLC(0)
OLC(1)
OLC(14)
OLC(15)
I
+ I
+...+ I
+ I
16
(%)
100 x
(Ideal Output Current)
Ideal Output Current
é
ù
é
ù
ê
ú
ê
ú
ê
ú
ê
ú
ë
û
ê
ú
D
=
-
ê
ú
ê
ú
ê
ú
ë
û
(
)
n
+
+...+
+
OLC( )
OLC(0)
OLC(1)
OLC(14)
OLC(15)
I
(%)
100 x
1
I
I
I
I
16
é
ù
ê
ú
ê
ú
ê
ú
D
=
-
ê
ú
é
ù
ê
ú
ê
ú
ê
ú
ê
ú
ë
û
ë
û
7
TLC59291
www.ti.com
SLVSA96A – SEPTEMBER 2015 – REVISED MARCH 2016
Product Folder Links: TLC59291
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
At VCC = 3 V to 5.5 V and TA = –40°C to 85°C. Typical values at VCC = 3.3 V and TA = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
The deviation of each output from the average of OUT0 to OUT15 constant-current. Deviation is calculated by the formula:
.
(3)
The deviation of the OUT0 to OUT15 constant-current average from the ideal constant-current value. Deviation is calculated by the
formula:
Ideal current is calculated by the formula:
(4)
Line regulation is calculated by the formula:
(5)
Load regulation is calculated by the equation:
ΔIO(LC0)
Constant-current error
(channel-to-channel, OUT0 to
OUT15)(2)
All OUTn = on, VOUTn = VOUTfix = 0.8 V, BC = 0Eh,
RIREF = 3.6 kΩ, TA = 25°C
±3%
±6%
ΔIOL(C1)
Constant-current error
(device-to-device, OUT0 to
OUT15)(3)
All OUTn = on, VOUTn = VOUTfix = 0.8 V, BC = 7Fh,
RIREF = 1.6 kΩ, TA = 25°C
±1%
±3%
ΔIOL(C2)
Line regulation(4)
All OUTn = on, VOUTn = VOUTfix = 0.8 V, BC = 7Fh,
RIREF = 1.6 kΩ
±0.1
±1
%/V
ΔIOL(C3)
Load regulation(5)
All OUTn = on, VOUTn = 0.8 V to 3 V, VOUTfix = 0.8 V,
BC = 7Fh, RIREF = 1.6 kΩ
±0.5
±3
%/V
TTEF
Thermal error flag threshold
Junction temperature(1)
150
165
180
°C
THYS
Thermal error flag hysteresis
Junction temperature(1)
5
10
20
°C
TPTW
Pre-thermal warning threshold
Junction temperature(1)
125
138
150
°C


Similar Part No. - TLC59291RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59291 TI1-TLC59291 Datasheet
800Kb / 45P
[Old version datasheet]   TLC59291 8/16-Channel, Constant Current LED Driver with 7-bit Brightness Control Low Quiescent Current and Full Self Diagnosis for LED Lamp
TLC59291 TI1-TLC59291_15 Datasheet
800Kb / 45P
[Old version datasheet]   TLC59291 8/16-Channel, Constant Current LED Driver with 7-bit Brightness Control Low Quiescent Current and Full Self Diagnosis for LED Lamp
More results

Similar Description - TLC59291RGET

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
   16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016_08 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com