Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6679 Datasheet(PDF) 9 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD6679 Datasheet HTML 5Page - Analog Devices AD6679 Datasheet HTML 6Page - Analog Devices AD6679 Datasheet HTML 7Page - Analog Devices AD6679 Datasheet HTML 8Page - Analog Devices AD6679 Datasheet HTML 9Page - Analog Devices AD6679 Datasheet HTML 10Page - Analog Devices AD6679 Datasheet HTML 11Page - Analog Devices AD6679 Datasheet HTML 12Page - Analog Devices AD6679 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
Data Sheet
AD6679
Rev. B | Page 9 of 81
Parameter
Temperature
Min
Typ
Max
Unit
Wake-Up Time6
Standby
25°C
1
ms
Power-Down6
25°C
4
ms
APERTURE
Aperture Delay (tA)
Full
530
ps
Aperture Uncertainty (Jitter, tJ)
Full
55
fs rms
Out of Range Recovery Time
Full
1
Clock cycles
1
The maximum sample rate is the clock rate after the divider.
2
The minimum sample rate operates at 300 MSPS with L = 2 or L = 1.
3
This specification is valid for parallel interleaved, channel multiplexed, and byte mode output modes.
4
This specification is valid for byte mode output mode only.
5
Add this value to the pipeline latency specification to achieve total latency through the AD6679.
6
Wake-up time is defined as the time required to return to normal operation from power-down mode or standby mode.
TIMING SPECIFICATIONS
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CLK± to SYNC± TIMING REQUIREMENTS
tSU_SR
Device clock to SYNC± setup time
117
ps
tH_SR
Device clock to SYNC± hold time
−96
ps
SPI TIMING REQUIREMENTS
See Figure 3
tDS
Setup time between the data and the rising edge of SCLK
2
ns
tDH
Hold time between the data and the rising edge of SCLK
2
ns
tCLK
Period of the SCLK
40
ns
tS
Setup time between CSB and SCLK
2
ns
tH
Hold time between CSB and SCLK
2
ns
tHIGH
Minimum period that SCLK is in a logic high state
10
ns
tLOW
Minimum period that SCLK is in a logic low state
10
ns
tACCESS
Maximum time delay between falling edge of SCLK and output
data valid for a read operation
6
10
ns
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an
input relative to the SCLK rising edge (not shown in Figure 3)
10
ns
Timing Diagrams
CLK+
CLK–
SYNC+
SYNC–
tSU_SR
tH_SR
Figure 2. SYNC± Setup and Hold Timing
tACCESS
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
tS
tDH
tCLK
tDS
tH
R/W
A14
A13
A12
A11
A10
A9
A8
A7
D7
D6
D3
D2
D1
D0
tLOW
tHIGH
CSB
Figure 3. Serial Port Interface Timing Diagram


Similar Part No. - AD6679

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6679 AD-AD6679 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6679-500EBZ AD-AD6679-500EBZ Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6679BBPZ-500 AD-AD6679BBPZ-500 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6679BBPZRL7-500 AD-AD6679BBPZRL7-500 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
More results

Similar Description - AD6679

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
AD6674 AD-AD6674 Datasheet
2Mb / 91P
   385 MHz BW IF Diversity Receiver
AD6684 AD-AD6684 Datasheet
2Mb / 107P
   135 MHz Quad IF Receiver
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
   IF Diversity Receiver
AD6655 AD-AD6655 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. 0
AD6653 AD-AD6653 Datasheet
2Mb / 80P
   IF Diversity Receiver
REV. 0
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
   IF Diversity Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com