Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6674BCPZ-1000 Datasheet(PDF) 7 Page - Analog Devices

Part # AD6674BCPZ-1000
Description  385 MHz BW IF Diversity Receiver
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674BCPZ-1000 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD6674BCPZ-1000 Datasheet HTML 3Page - Analog Devices AD6674BCPZ-1000 Datasheet HTML 4Page - Analog Devices AD6674BCPZ-1000 Datasheet HTML 5Page - Analog Devices AD6674BCPZ-1000 Datasheet HTML 6Page - Analog Devices AD6674BCPZ-1000 Datasheet HTML 7Page - Analog Devices AD6674BCPZ-1000 Datasheet HTML 8Page - Analog Devices AD6674BCPZ-1000 Datasheet HTML 9Page - Analog Devices AD6674BCPZ-1000 Datasheet HTML 10Page - Analog Devices AD6674BCPZ-1000 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
Data Sheet
AD6674
Parameter1
Temp
AD6674-1000
AD6674-750
AD6674-500
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SIGNAL-TO-NOISE-AND-DISTORTION RATIO (SINAD)3
VDR Mode (Input Mask Not Triggered)
fIN = 10 MHz
25°C
67.1
67.1
69.0
dBFS
fIN = 170 MHz
Full
65.0
66.4
65.6
67.0
67.6
68.8
dBFS
fIN = 340 MHz
25°C
65.2
66.5
68.4
dBFS
fIN = 450 MHz
25°C
63.8
66.1
67.9
dBFS
fIN = 765 MHz
25°C
62.1
64.1
64.2
dBFS
fIN = 985 MHz
25°C
61.1
63.1
63.6
dBFS
fIN = 1950 MHz
25°C
56.0
59.0
60.3
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)3
VDR Mode (Input Mask Not Triggered)
fIN = 10 MHz
25°C
10.8
10.8
11.2
Bits
fIN = 170 MHz
Full
10.5
10.7
10.4
10.8
10.8
11.1
Bits
fIN = 340 MHz
25°C
10.5
10.7
11.1
Bits
fIN = 450 MHz
25°C
10.3
10.5
11.0
Bits
fIN = 765 MHz
25°C
10.0
10.4
10.4
Bits
fIN = 985 MHz
25°C
9.8
10.2
10.3
Bits
fIN = 1950 MHz
25°C
9.0
9.5
9.7
Bits
SPURIOUS FREE DYNAMIC RANGE (SFDR),
SECOND OR THIRD HARMONIC3
VDR Mode (Input Mask Not Triggered)
fIN = 10 MHz
25°C
88
85
83
dBFS
fIN = 170 MHz
Full
75
85
75
86
80
88
dBFS
fIN = 340 MHz
25°C
85
83
83
dBFS
fIN = 450 MHz
25°C
82
82
81
dBFS
fIN = 765 MHz
25°C
82
80
80
dBFS
fIN = 985 MHz
25°C
80
76
75
dBFS
fIN = 1950 MHz
25°C
68
68
70
dBFS
WORST OTHER (EXCLUDING SECOND OR THIRD
HARMONIC)3
VDR Mode (Input Mask Not Triggered)
fIN = 10 MHz
25°C
−95
−95
−95
dBFS
fIN = 170 MHz
Full
−81
−94
−81
−89
−82
−95
dBFS
fIN = 340 MHz
25°C
−88
−83
−93
dBFS
fIN = 450 MHz
25°C
−86
−82
−93
dBFS
fIN = 765 MHz
25°C
−81
−85
−88
dBFS
fIN = 985 MHz
25°C
−82
−83
−89
dBFS
fIN = 1950 MHz
25°C
−75
−80
−84
dBFS
TWO-TONE INTERMODULATION DISTORTION (IMD)3
AIN1 AND AIN2 = −7.0 dBFS
fIN1 = 185 MHz, fIN2 = 188 MHz
25°C
−87
−85
−88
dBFS
fIN1 = 338 MHz, fIN2 = 341 MHz
25°C
−88
−83
−88
dBFS
CROSSTALK5
25°C
95
95
95
dB
FULL POWER BANDWIDTH
25°C
2
2
2
GHz
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Noise density is measured at low analog input frequency (30 MHz).
3
See Table 10 for recommended device settings to achieve stated typical performance.
4
When NSR is activated on the AD6674-750 and AD6674-1000, the decimating half-band filter is also enabled.
5
Crosstalk is measured at 185 MHz with −1.0 dBFS analog input on one channel and no input on the adjacent channel.
Rev. B | Page 7 of 91


Similar Part No. - AD6674BCPZ-1000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6674BCPZ-1000 AD-AD6674BCPZ-1000 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
More results

Similar Description - AD6674BCPZ-1000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6679 AD-AD6679 Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
   IF Diversity Receiver
AD6655 AD-AD6655 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. 0
AD6653 AD-AD6653 Datasheet
2Mb / 80P
   IF Diversity Receiver
REV. 0
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
   IF Diversity Receiver
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com