Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8283 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8283
Description  6-Channel LNA/PGA/AAF with ADC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8283 Datasheet(HTML) 4 Page - Analog Devices

  AD8283_15 Datasheet HTML 1Page - Analog Devices AD8283_15 Datasheet HTML 2Page - Analog Devices AD8283_15 Datasheet HTML 3Page - Analog Devices AD8283_15 Datasheet HTML 4Page - Analog Devices AD8283_15 Datasheet HTML 5Page - Analog Devices AD8283_15 Datasheet HTML 6Page - Analog Devices AD8283_15 Datasheet HTML 7Page - Analog Devices AD8283_15 Datasheet HTML 8Page - Analog Devices AD8283_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
AD8283
Data Sheet
Rev. C | Page 4 of 27
AD8283W
Parameter1
Conditions
Min
Typ
Max
Unit
ADC
Resolution
12
Bits
Max Sample Rate
72
MSPS
Signal-to-Noise Ratio (SNR)
fIN = 1 MHz
68.5
dB
Signal-to-Noise and Distortion
(SINAD)
66
dB
SNRFS
68
dB
Differential Nonlinearity (DNL)
Guaranteed no missingcodes
1
LSB
Integral Nonlinearity (INL)
10
LSB
Effective Number of Bits (ENOB)
10.67
LSB
ADC Output Characteristics
Maximum Cap Load
Per bit
20
pF
IDVDD33 Peak Current with Cap Load
Peak current per bit when driving a
20 pF load; can be programmedvia
the SPI port if required
40
mA
ADC REFERENCE
Output VoltageError
VREF = 1.024 V
±25
mV
LoadRegulation
At 1.0 mA, VREF = 1.024 V
2
mV
Input Resistance
6
kΩ
FULL CHANNEL CHARACTERISTICS
LNA, PGA, AAF, and ADC
SNRFS
FIN = 1 MHz
Gain = 16 dB
68
dB
Gain = 22 dB
68
dB
Gain = 28 dB
68
dB
Gain = 34 dB
66
dB
SINAD
FIN = 1 MHz
Gain = 16 dB
67
dB
Gain = 22 dB
68
dB
Gain = 28 dB
67
dB
Gain = 34 dB
66
dB
SFDR
FIN = 1 MHz
Gain = 16 dB
68
dB
Gain = 22 dB
74
dB
Gain = 28 dB
74
dB
Gain = 34 dB
73
dB
Harmonic Distortion
Second Harmonic
FIN =1 MHz at −10 dBFS, gain = 16 dB
−70
dBc
FIN =1 MHz at −10 dBFS, gain = 34 dB
−70
dBc
Third Harmonic
FIN =1 MHz at −10 dBFS, gain = 16 dB
−66
dBc
FIN =1 MHz at −10 dBFS, gain = 34 dB
−75
dBc
IM3 Distortion
FIN1 = 1 MHz, FIN2 = 1.1 MHz, −1 dBFS,
gain = 34 dB
−69
dBc
Gain Response Time
600
ns
Overdrive Recovery Time
200
ns
1
See the AN-835 Application Note,UnderstandingHighSpeed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.


Similar Part No. - AD8283_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8283 AD-AD8283_17 Datasheet
646Kb / 28P
   Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
More results

Similar Description - AD8283_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8283 AD-AD8283_17 Datasheet
646Kb / 28P
   Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
AD8283 AD-AD8283 Datasheet
578Kb / 28P
   Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
REV. 0
AD8285 AD-AD8285 Datasheet
508Kb / 27P
   Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
AD8285 AD-AD8285_17 Datasheet
577Kb / 28P
   Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
AD9272 AD-AD9272 Datasheet
71Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9273 AD-AD9273 Datasheet
710Kb / 49P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
AD9271 AD-AD9271 Datasheet
1Mb / 58P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. PrA
AD9272 AD-AD9272_09 Datasheet
977Kb / 44P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com