Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8284 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8284
Description  6-Channel LNA/PGA/AAF with ADC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8284 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8284 Datasheet HTML 5Page - Analog Devices AD8284 Datasheet HTML 6Page - Analog Devices AD8284 Datasheet HTML 7Page - Analog Devices AD8284 Datasheet HTML 8Page - Analog Devices AD8284 Datasheet HTML 9Page - Analog Devices AD8284 Datasheet HTML 10Page - Analog Devices AD8284 Datasheet HTML 11Page - Analog Devices AD8284 Datasheet HTML 12Page - Analog Devices AD8284 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Data Sheet
AD8283
Rev. C | Page 9 of 27
Pin No.
Name
Description
27
AVDD33D
3.3 V Analog Supply, Channel D.
28
IND−
Negative LNA Analog Input for Channel D.
29
IND+
Positive LNA Analog Input for Channel D.
30
AVDD33E
3.3 V Analog Supply, Channel E.
31
INE−
Negative LNA Analog Input for Channel E.
32
INE+
Positive LNA Analog Input for Channel E.
33
AVDD33F
3.3 V Analog Supply, Channel F.
34
INF−
Negative LNA Analog Input for Channel F.
35
INF+
Positive LNA Analog Input for Channel F.
36
NC
No Connect, Pin can be tiedto any potential.
37
NC
No Connect. Pin can be tiedto any potential.
38
INADC−
Negative Analog Input for Alternate Channel F (ADC Only).
39
INADC+
Positive Analog Input for Alternate Channel F (ADC Only).
40
AVDD18
1.8 V Analog Supply.
41
AVDD18ADC
1.8 V Analog Supply, ADC.
42
TEST3
Pin should not be used; tie to ground.
43
ANOUT
Analog Outputs (Debug Purposes Only). Pinshould be floated.
44
APOUT
Analog Outputs (Debug Purposes Only). Pinshould be floated.
45
BAND
Band Gap Voltage (Debug Purposes Only). Pinshould be floated.
46
RBIAS
External resistor to set the internal ADC core bias current.
47
VREF
Voltage Reference Input/Output.
48
AVDD33REF
3.3 V Analog Supply, References.
49
DVDD33CLK
3.3 V Digital Supply, Clock.
50
CLK−
Clock Input Complement.
51
CLK+
Clock Input True.
52
DVDD18CLK
1.8 V Digital Supply, Clock.
53
TEST4
Pin should not be used; tie to ground.
54
NC
No Connect. Pin can be tiedto any potential.
55
NC
No Connect. Pin can be tiedto any potential.
56
DVDD33DRV
3.3 V Digital Supply, Output Driver.
57
D11
ADC Data Out (MSB).
58
D10
ADC Data Out.
59
D9
ADC Data Out.
60
D8
ADC Data Out.
61
D7
ADC Data Out.
62
D6
ADC Data Out.
63
D5
ADC Data Out.
64
D4
ADC Data Out.
65
D3
ADC Data Out.
66
D2
ADC Data Out.
67
D1
ADC Data Out.
68
D0
ADC Data Out (LSB).
69
NC
No Connect. Pin should be left open.
70
NC
No Connect. Pin should be left open.
71
DVDD33DRV
3.3 V Supply, Output Driver.
72
NC
No Connect. Pin can be tiedto any potential.


Similar Part No. - AD8284

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8284 AD-AD8284 Datasheet
632Kb / 28P
   Radar Receive Path AFE - 4-Channel Mux
AD8284 AD-AD8284 Datasheet
670Kb / 29P
   Radar Receive Path AFE: 4-Channel Mux
AD8284WCSVZ AD-AD8284WCSVZ Datasheet
632Kb / 28P
   Radar Receive Path AFE - 4-Channel Mux
AD8284WCSVZ AD-AD8284WCSVZ Datasheet
670Kb / 29P
   Radar Receive Path AFE: 4-Channel Mux
AD8284WCSVZ-RL AD-AD8284WCSVZ-RL Datasheet
632Kb / 28P
   Radar Receive Path AFE - 4-Channel Mux
More results

Similar Description - AD8284

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8283 AD-AD8283_17 Datasheet
646Kb / 28P
   Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
AD8283 AD-AD8283 Datasheet
578Kb / 28P
   Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
REV. 0
AD8285 AD-AD8285 Datasheet
508Kb / 27P
   Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
AD8285 AD-AD8285_17 Datasheet
577Kb / 28P
   Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
AD9272 AD-AD9272 Datasheet
71Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9273 AD-AD9273 Datasheet
710Kb / 49P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
AD9271 AD-AD9271 Datasheet
1Mb / 58P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. PrA
AD9272 AD-AD9272_09 Datasheet
977Kb / 44P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com