Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8451 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8451
Description  Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8451 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8451 Datasheet HTML 7Page - Analog Devices AD8451 Datasheet HTML 8Page - Analog Devices AD8451 Datasheet HTML 9Page - Analog Devices AD8451 Datasheet HTML 10Page - Analog Devices AD8451 Datasheet HTML 11Page - Analog Devices AD8451 Datasheet HTML 12Page - Analog Devices AD8451 Datasheet HTML 13Page - Analog Devices AD8451 Datasheet HTML 14Page - Analog Devices AD8451 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD8451
DA CHARACTERISTICS
60
–40
–30
–20
–10
0
10
20
30
40
50
–10
–5
0
5
10
15
20
25
30
OUTPUT VOLTAGE (V)
AVCC = +25V
A
VEE = −5V
Figure 15. Input Common-Mode Voltage vs. Output Voltage
for AVCC = +25 V and AVEE = −5 V
0
–50
–40
–30
–20
–10
100
1k
10k
100k
1M
VALID FOR ALL RATED
SUPPLY VOLTAGES
FREQUENCY (Hz)
Figure 16. Gain vs. Frequency
0
–120
–100
–80
–60
–40
–20
100
1k
10k
100k
1M
FREQUENCY (Hz)
VALID FOR ALL RATED
SUPPLY VOLTAGES
Figure 17. CMRR vs. Frequency
50
–50
–40
–30
–20
–10
0
10
20
30
40
–20
–15
–10
–5
0
5
10
15
20
OUTPUT VOLTAGE (V)
AVCC = +15V
A
VEE = −15V
Figure 18. Input Common-Mode Voltage vs. Output Voltage
for AVCC = +15 V and AVEE = −15 V
50
–200
–150
–100
–50
0
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
Figure 19. Gain Error vs. Temperature
3
–3
–2
–1
0
1
2
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
Figure 20. Normalized CMRR vs. Temperature
Rev. 0 | Page 11 of 32


Similar Part No. - AD8451

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8451 AD-AD8451 Datasheet
949Kb / 33P
   Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
AD8451-EVALZ AD-AD8451-EVALZ Datasheet
949Kb / 33P
   Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
AD8451ASTZ AD-AD8451ASTZ Datasheet
949Kb / 33P
   Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
AD8451ASTZ-RL AD-AD8451ASTZ-RL Datasheet
949Kb / 33P
   Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
AD8451 AD-AD8451_17 Datasheet
949Kb / 33P
   Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
More results

Similar Description - AD8451

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8451 AD-AD8451_17 Datasheet
949Kb / 33P
   Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
AD8450 AD-AD8450 Datasheet
1Mb / 41P
   Precision Analog Front End and Controller for Battery Test/Formation Systems
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
   Precision Analog Front End and Controller
ADP1974 AD-ADP1974 Datasheet
416Kb / 19P
   Bidirectional, Synchronous PWM Controller for Battery Test and Formation
Rev. 0
AD8452 AD-AD8452 Datasheet
743Kb / 35P
   Precision Integrated Analog Front End, Controller
logo
Texas Instruments
ADS131B23 TI-ADS131B23_V01 Datasheet
3Mb / 222P
[Old version datasheet]   ADS131B23 Current, Voltage, and Temperature Measurement Analog Front-End for Industrial Battery Management Systems
REVISED DECEMBER 2022
ADS131B23 TI-ADS131B23 Datasheet
2Mb / 220P
[Old version datasheet]   ADS131B23 Current, Voltage, and Temperature Measurement Analog Front-End for Industrial Battery Management Systems
DECEMBER 2022
logo
Analog Devices
AD1018 AD-AD1018 Datasheet
72Kb / 2P
   High Precision Analog Front End
logo
Texas Instruments
ADS131B26-Q1 TI-ADS131B26-Q1 Datasheet
614Kb / 7P
[Old version datasheet]   ADS131B26-Q1 Current, Voltage, and Temperature Measurement Automotive Analog Front-End for Battery Management Systems
SEPTEMBER 2022
AFE4400 TI-AFE4400 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com