Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9642-170EBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9642-170EBZ
Description  14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9642-170EBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9642-170EBZ Datasheet HTML 7Page - Analog Devices AD9642-170EBZ Datasheet HTML 8Page - Analog Devices AD9642-170EBZ Datasheet HTML 9Page - Analog Devices AD9642-170EBZ Datasheet HTML 10Page - Analog Devices AD9642-170EBZ Datasheet HTML 11Page - Analog Devices AD9642-170EBZ Datasheet HTML 12Page - Analog Devices AD9642-170EBZ Datasheet HTML 13Page - Analog Devices AD9642-170EBZ Datasheet HTML 14Page - Analog Devices AD9642-170EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD9642
0
–20
–40
–60
–80
–100
–120
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
SFDR (dBc)
–90.0 –81.7 –73.4 –65.1 –56.8 –48.5 –40.2 –31.9 –23.6 –15.3 –7.0
Figure 10. AD9642-170 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 89.12 MHz, fIN2 = 92.12 MHz, fS = 170 MSPS
0
–20
–40
–60
–80
–100
–120
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
SFDR (dBc)
–90.0 –81.7 –73.4 –65.1 –56.8 –48.5 –40.2 –31.9 –23.6 –15.3 –7.0
Figure 11. AD9642-170 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz, fS = 170 MSPS
0
–20
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
89.12MHz @ –7dBFS
92.12MHz @ –7dBFS
SFDR = 88dBc (95dBFS)
Figure 12. AD9642-170 Two-Tone FFT with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz
0
–20
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
184.12MHz @ –7dBFS
187.12MHz @ –7dBFS
SFDR = 87dBc (94dBFS)
Figure 13. AD9642-170 Two Tone FFT with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz
100
70
40
170
SAMPLE RATE (MSPS)
95
90
85
80
75
50
60
70
80
90 100 110 120 130 140 150 160
SNR (dBc)
SFDR (dBFS)
Figure 14. AD9642-170 Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 90 MHz
6000
5000
4000
3000
2000
1000
0
OUTPUT CODE
0.830 LSB rms
16,384 TOTAL HITS
Figure 15. AD9642-170 Grounded Input Histogram, fS = 170 MSPS
Rev. B | Page 11 of 28


Similar Part No. - AD9642-170EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9642-170EBZ AD-AD9642-170EBZ Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642-170EBZ AD-AD9642-170EBZ Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter (ADC)
More results

Similar Description - AD9642-170EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9643 AD-AD9643 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9239 AD-AD9239 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com