Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC7122 Datasheet(PDF) 5 Page - Analog Devices

Part # ADUC7122
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7122 Datasheet(HTML) 5 Page - Analog Devices

  ADUC7122_14 Datasheet HTML 1Page - Analog Devices ADUC7122_14 Datasheet HTML 2Page - Analog Devices ADUC7122_14 Datasheet HTML 3Page - Analog Devices ADUC7122_14 Datasheet HTML 4Page - Analog Devices ADUC7122_14 Datasheet HTML 5Page - Analog Devices ADUC7122_14 Datasheet HTML 6Page - Analog Devices ADUC7122_14 Datasheet HTML 7Page - Analog Devices ADUC7122_14 Datasheet HTML 8Page - Analog Devices ADUC7122_14 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 96 page
background image
Data Sheet
ADuC7122
SPECIFICATIONS
AVDD = IOVDD = 3.0 V to 3.6 V, VREF = 2.5 V internal reference, fCORE = 41.78 MHz, TA = −10°C to +95°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ADC CHANNEL SPECIFICATIONS
Eight acquisition clocks and fADC/2
ADC Power-Up Time
5
μs
DC Accuracy1, 2
Resolution
12
Bits
Integral Nonlinearity
±0.6
±2
LSB
2.5 V internal reference, not production tested
for PADC0/PADC1 channels
Differential Nonlinearity3, 4
±0.5
+1.4/−0.99
LSB
2.5 V internal reference, gauranteed monotonic
DC Code Distribution
1
LSB
ADC input is a dc voltage
ENDPOINT ERRORS5
Internally unbuffered channels
Offset Error
±2
±5
LSB
Offset Error Match
±1
LSB
Gain Error
±2
±5
LSB
Gain Error Match
±1
LSB
DYNAMIC PERFORMANCE
fIN = 10 kHz sine wave, fSAMPLE = 1 MSPS internally
unbuffered channels
Signal-to-Noise Ratio (SNR)
69
dB
Includes distortion and noise components
Total Harmonic Distortion (THD)
−78
dB
Peak Harmonic or Spurious Noise
−75
dB
Channel-to-Channel Crosstalk
−80
dB
Measured on adjacent channels
ANALOG INPUT
Input Voltage Ranges
Differential Mode
VCM6 ± VREF/2
V
See Table 35 and Table 36
Single-Ended Mode
0 to VREF
V
Buffer bypassed
Single-Ended Mode
0.15
AVDD − 1.5
V
Buffer enabled
Leakage Current
±0.2
µA
Input Capacitance
20
pF
During ADC acquisition buffer bypassed
Input Capacitance
20
pF
During ADC acquisition buffer enabled
PADC0 INPUT
28.3 kΩ resistor, PGA gain = 3; acquisition time =
6 µs, pseudo differential mode
Full Scale Input Range
20
1000
µA
Input Leakage at PADC0P4
0.15
2
nA
Resolution
11
Bits
0.1% accuracy, 5 ppm external resistor for I to V
Gain Error4
1
%
Gain Drift4
50
ppm/°C
Offset4
3
6
nA
PGA offset not included
Offset Drift4
30
60
pA/°C
PADC0P Compliant Range
0.1
AVDD − 1.2
V
PADC1 INPUT
53.5 kΩ resistor, PGA gain = 3; acquisition time =
6 µs, pseudo differential mode
Full Scale Input Range
10.6
700
µA
Input Leakage at PADC1P4
0.15
2
nA
Resolution
11
Bits
0.1% accuracy, 5 ppm external resistor for I to V
Gain Error4
1
%
Gain Drift4
50
ppm/°C
Offset4
3
6
nA
PGA offset not included
Offset Drift4
30
60
pA/°C
PADC1P Compliant Range
0.1
AVDD − 1.2
V
Rev. A | Page 5 of 96


Similar Part No. - ADUC7122_14

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7122 AD-ADUC7122 Datasheet
1Mb / 92P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI짰 MCU
Rev. PrA
More results

Similar Description - ADUC7122_14

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7028 AD-ADUC7028_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC702X AD-ADUC702X_1 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7029 AD-ADUC7029_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com