Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuC7122BBCZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADuC7122BBCZ
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7122BBCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADuC7122BBCZ Datasheet HTML 2Page - Analog Devices ADuC7122BBCZ Datasheet HTML 3Page - Analog Devices ADuC7122BBCZ Datasheet HTML 4Page - Analog Devices ADuC7122BBCZ Datasheet HTML 5Page - Analog Devices ADuC7122BBCZ Datasheet HTML 6Page - Analog Devices ADuC7122BBCZ Datasheet HTML 7Page - Analog Devices ADuC7122BBCZ Datasheet HTML 8Page - Analog Devices ADuC7122BBCZ Datasheet HTML 9Page - Analog Devices ADuC7122BBCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
ADuC7122
Data Sheet
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ON-CHIP VOLTAGE REFERENCE
0.47 µF from VREF to AGND
Output Voltage
2.5
V
Accuracy7
±5
mV
TA = 25°C
Reference Temperature Coefficient4
10
30
ppm/°C
Power Supply Rejection Ratio
61
dB
Output Impedance
10
TA = 25°C
Internal VREF Power-On Time
1
ms
EXTERNAL REFERENCE INPUT
Input Voltage Range
1.2
AVDD
V
BUF_VREF1, BUF_VREF2 OUTPUTS
Accuracy
±30
mV
TA = 25°C
Reference Temperature Coefficient
40
µV/°C
Load Current
1.2
mA
DAC CHANNEL SPECIFICATIONS
RL = 5 kΩ, CL = 100 pF
DC Accuracy8
Buffered
Resolution
12
Bits
Relative Accuracy
±2
LSB
Differential Nonlinearity
±0.2
±1
LSB
Guaranteed monotonic
Calculated Offset Error
±2
mV
2.5 V internal reference
Actual Offset Error
9
mV
Measured at Code 0
Gain Error9
±0.15
±0.8
%
Gain Error Mismatch
0.1
%
% of full scale on DAC0
Settling Time
10
µs
PSRR4
Buffered
DC
−59
−61
dB
1 kHz
−57
dB
10 kHz
−47
dB
100 kHz
−19
dB
OFFSET DRIFT4
10
µV/°C
GAIN ERROR DRIFT4
10
µV/°C
SHORT-CIRCUIT CURRENT
20
mA
ANALOG OUTPUTS
Output Range
0.1
VREF/AVDD
0.1
V
Buffer on
DAC AC CHARACTERISTICS
Slew Rate
2.49
V/µs
Voltage Output Settling Time
10
µs
Digital-to-Analog Glitch Energy
±20
nV-sec
1 LSB change at major carry (where maximum
number of bits simultaneously change in the
DACxDAT register)
TEMPERATURE SENSOR10
Voltage Output at 25°C
707
mV
Voltage TC
−1.25
mV/°C
Accuracy
±3
°C
MCU in power-down or standby mode before
measurement
POWER SUPPLY MONITOR (PSM)
IOVDD Trip Point Selection
2.79
V
Two selectable trip points
3.07
V
Power Supply Trip Point Accuracy
±2.5
%
Of the selected nominal trip point voltage
POWER-ON RESET
2.36
V
WATCHDOG TIMER (WDT)
Timeout Period
0
512
sec
Rev. A | Page 6 of 96


Similar Part No. - ADuC7122BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7122 AD-ADUC7122 Datasheet
1Mb / 92P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI짰 MCU
Rev. PrA
More results

Similar Description - ADuC7122BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7028 AD-ADUC7028_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC702X AD-ADUC702X_1 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7029 AD-ADUC7029_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com