Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuC7122BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADuC7122BBCZ
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7122BBCZ Datasheet(HTML) 1 Page - Analog Devices

  ADuC7122BBCZ Datasheet HTML 1Page - Analog Devices ADuC7122BBCZ Datasheet HTML 2Page - Analog Devices ADuC7122BBCZ Datasheet HTML 3Page - Analog Devices ADuC7122BBCZ Datasheet HTML 4Page - Analog Devices ADuC7122BBCZ Datasheet HTML 5Page - Analog Devices ADuC7122BBCZ Datasheet HTML 6Page - Analog Devices ADuC7122BBCZ Datasheet HTML 7Page - Analog Devices ADuC7122BBCZ Datasheet HTML 8Page - Analog Devices ADuC7122BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
Precision Analog Microcontroller, 12-Bit
Analog I/O, ARM7TDMI MCU
Data Sheet
ADuC7122
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Analog I/O
13-external channel, 12-bit, 1 MSPS ADC
2 differential channels with programmable gain
PGA (1 to 5) input range
IOVDD power monitor channel
On-chip temperature monitor
11 general-purpose inputs
Fully differential and single-ended modes
0 V to VREF analog input range
12 × 12-bit voltage output DACs
On-chip voltage reference: 1.2 V/2.5 V
Buffered output reference sources for use with external
circuits
Microcontroller
ARM7TDMI core, 16-bit/32-bit RISC architecture
JTAG port supports code download and debug
Clocking options
Trimmed on-chip oscillator (±3%)
External watch crystal
External clock source up to 41.78 MHz
41.78 MHz PLL with programmable divider
Memory
126 kB Flash/EE memory, 8 kB SRAM
In-circuit download, JTAG-based debug
Software-triggered in-circuit reprogrammability
On-chip peripherals
UART, 2× I2C and SPI serial I/Os
32-pin GPIO port
4 general-purpose timers
Wake-up and watchdog timers (WDT)
Power supply monitor
Vectored interrupt controller for FIQ and IRQ
8 priority levels for each interrupt type
Interrupt on edge or level external pin inputs
Power
Specified for 3 V operation
Active mode: 11 mA at 5 MHz, 40 mA at 41.78 MHz
Packages and temperature range
7 mm × 7 mm 108-ball BGA
Fully specified for −10°C to +95°C operation
Tools
Low cost QuickStart development system
Full third-party support
APPLICATIONS
Optical networking, industrial control, and automation
systems
Smart sensors and precision instrumentation
FUNCTIONAL BLOCK DIAGRAM
ADuC7122
DAC9
DAC11
DAC10
DAC
BUF
DAC
BUF
DAC
BUF
IOGND
IOVDD
XTALI
XTALO
TMS
TCK
TDI
TDO
RST
TRST
PLA
PLL
POR
OSC
PWM
3× GP
TIMERS
8k SRAM
(2k × 32-BIT)
126k
FLASH
(63k ×
16-BIT)
ARM7
TDMI
WAKE-UP
TIMER
GPIO
CONTROL
SPI
12C × 2
UART
JTAG
WD
TIMER
VIC
LDO
1MSPS
12-BIT
SAR ADC
ADC8
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADC1
ADC0
PADC1
PADC0
PGA
ADC10
ADC9
PGA
IOVDD MON
TEMPERATURE
SENSOR
INTERNAL
REFERENCE
VREF_1.2
VREF_2.5
BUF
P0.0 TO P0.7
P1.0 TO P1.7
P2.0 TO P2.7
P3.0 TO P3.7
AVDD 3.3V
AGND
DAC0
DAC1
DAC2
DAC3
DAC4
DAC5
DAC6
DAC7
DAC8
Figure 1.


Similar Part No. - ADuC7122BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7122 AD-ADUC7122 Datasheet
1Mb / 92P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI짰 MCU
Rev. PrA
More results

Similar Description - ADuC7122BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7028 AD-ADUC7028_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC702X AD-ADUC702X_1 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7029 AD-ADUC7029_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com