Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL316 Datasheet(PDF) 8 Page - Analog Devices

Part # ADXL316
Description  Small, Low Power, 3-Axis plus minus16 g Accelerometer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL316 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADXL316 Datasheet HTML 4Page - Analog Devices ADXL316 Datasheet HTML 5Page - Analog Devices ADXL316 Datasheet HTML 6Page - Analog Devices ADXL316 Datasheet HTML 7Page - Analog Devices ADXL316 Datasheet HTML 8Page - Analog Devices ADXL316 Datasheet HTML 9Page - Analog Devices ADXL316 Datasheet HTML 10Page - Analog Devices ADXL316 Datasheet HTML 11Page - Analog Devices ADXL316 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ADXL316
Data Sheet
Rev. 0 | Page 8 of 14
0
5
10
15
20
25
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
SENSITIVITY (mV/g)
Figure 15. X-Axis Sensitivity at 25°C, VS = 3 V
0
5
10
15
20
25
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
SENSITIVITY (mV/g)
Figure 16. Y-Axis Sensitivity at 25°C, VS = 3 V
0
5
10
15
20
25
30
35
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
SENSITIVITY (mV/g)
Figure 17. Z-Axis Sensitivity at 25°C, VS = 3 V
50
52
54
56
58
60
62
64
N = 8
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 18. X-Axis Sensitivity vs. Temperature, VS = 3 V
50
52
54
56
58
60
62
64
N = 8
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 19. Y-Axis Sensitivity vs. Temperature, VS = 3 V
50
52
54
56
58
60
62
64
N = 8
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 20. Z-Axis Sensitivity vs. Temperature, VS = 3 V


Similar Part No. - ADXL316

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
ADXL311JE AD-ADXL311JE Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
ADXL311JE-REEL AD-ADXL311JE-REEL Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
ADXL311 AD-ADXL311_15 Datasheet
662Kb / 12P
   Ultracompact 2g Dual-Axis Accelerometer
ADXL312 AD-ADXL312 Datasheet
434Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
More results

Similar Description - ADXL316

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
logo
NXP Semiconductors
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
   3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com