Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuC7124BCPZ126-RL Datasheet(PDF) 10 Page - Analog Devices

Part # ADuC7124BCPZ126-RL
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7124BCPZ126-RL Datasheet(HTML) 10 Page - Analog Devices

Back Button ADuC7124BCPZ126-RL Datasheet HTML 6Page - Analog Devices ADuC7124BCPZ126-RL Datasheet HTML 7Page - Analog Devices ADuC7124BCPZ126-RL Datasheet HTML 8Page - Analog Devices ADuC7124BCPZ126-RL Datasheet HTML 9Page - Analog Devices ADuC7124BCPZ126-RL Datasheet HTML 10Page - Analog Devices ADuC7124BCPZ126-RL Datasheet HTML 11Page - Analog Devices ADuC7124BCPZ126-RL Datasheet HTML 12Page - Analog Devices ADuC7124BCPZ126-RL Datasheet HTML 13Page - Analog Devices ADuC7124BCPZ126-RL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 110 page
background image
ADuC7124/ADuC7126
Data Sheet
Rev. D | Page 10 of 110
SDA (I/O)
tBUF
MSB
LSB
ACK
MSB
1
9
8
2–7
1
SCL (I)
PS
STOP
CONDITION
START
CONDITION
S(R)
REPEATED
START
tR
tF
tF
tR
tH
tL
tDSU
tDHD
tRSU
tDHD
tDSU
tSHD
tPSU
Figure 2. I2C-Compatible Interface Timing
SPI Timing
Table 4. SPI Master Mode Timing (Phase Mode = 1)
Parameter
Description
Min
Typ
Max
Unit
tSL
SCLK low pulse width1
(SPIDIV + 1) × tUCLK
ns
tSH
SCLK high pulse width1
(SPIDIV + 1) × tUCLK
ns
tDAV
Data output valid after SCLK edge
25
ns
tDSU
Data input setup time before SCLK edge1
1 × tUCLK
ns
tDHD
Data input hold time after SCLK edge1
2 × tUCLK
ns
tDF
Data output fall time
5
12.5
ns
tDR
Data output rise time
5
12.5
ns
tSR
SCLK rise time
5
12.5
ns
tSF
SCLK fall time
5
12.5
ns
1 tUCLK = 23.9 ns. It corresponds to the 41.78 MHz internal clock from the PLL before the clock divider.
SCLK
(POLARITY = 0)
SCLK
(POLARITY = 1)
MOSI
MSB
BIT 6 TO BIT 1
LSB
MISO
MSB IN
BIT 6 TO BIT 1
LSB IN
tSH
tSL
tSR
tSF
tDR
tDF
tDAV
tDSU
tDHD
Figure 3. SPI Master Mode Timing (Phase Mode = 1)


Similar Part No. - ADuC7124BCPZ126-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuC7124BCPZ126-RL AD-ADuC7124BCPZ126-RL Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
REV. 0
More results

Similar Description - ADuC7124BCPZ126-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7124 AD-ADUC7124 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
REV. 0
ADUC7023BCPZ62I AD-ADUC7023BCPZ62I Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. E
ADUC7023 AD-ADUC7023 Datasheet
1Mb / 98P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. H
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com