Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXRS622 Datasheet(PDF) 9 Page - Analog Devices

Part # ADXRS622
Description  plus,minus250temperature/sec Yaw Rate Gyroscope
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXRS622 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADXRS622 Datasheet HTML 4Page - Analog Devices ADXRS622 Datasheet HTML 5Page - Analog Devices ADXRS622 Datasheet HTML 6Page - Analog Devices ADXRS622 Datasheet HTML 7Page - Analog Devices ADXRS622 Datasheet HTML 8Page - Analog Devices ADXRS622 Datasheet HTML 9Page - Analog Devices ADXRS622 Datasheet HTML 10Page - Analog Devices ADXRS622 Datasheet HTML 11Page - Analog Devices ADXRS622 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADXRS622
Rev. C | Page 9 of 12
THEORY OF OPERATION
The ADXRS622 operates on the principle of a resonator gyro.
Two polysilicon sensing structures each contain a dither frame
that is electrostatically driven to resonance, producing the neces-
sary velocity element to produce a Coriolis force during angular
rate. At two of the outer extremes of each frame, orthogonal to
the dither motion, are movable fingers that are placed between
fixed pickoff fingers to form a capacitive pickoff structure that
senses Coriolis motion. The resulting signal is fed to a series of
gain and demodulation stages that produce the electrical rate
signal output. The dual-sensor design rejects external g-forces and
vibration. Fabricating the sensor with the signal conditioning
electronics preserves signal integrity in noisy environments.
The electrostatic resonator requires 18 V to 20 V for operation.
Because only 5 V are typically available in most applications,
a charge pump is included onchip. If an external 18 V to 20 V
supply is available, the two capacitors on CP1 from CP4 can
be omitted, and this supply can be connected to the CP5 pin
(6D, 7D). Note that CP5 should not be grounded when power is
applied to the ADXRS622. Although no damage occurs, under
certain conditions the charge pump may fail to start up after the
ground is removed if power is not first removed from the
ADXRS622.
SETTING BANDWIDTH
External Capacitor COUT is used in combination with the on-
chip ROUT resistor to create a low-pass filter to limit the bandwidth
of the ADXRS622 rate response. The −3 dB frequency set by
ROUT and COUT is
(
)
OUT
OUT
OUT
C
R
f
×
×
×
=
π
2
/
1
and can be well controlled because ROUT has been trimmed
during manufacturing to be 180 kΩ ± 1%. Any external resistor
applied between the RATEOUT pin (1B, 2A) and SUMJ pin
(1C, 2C) results in
(
) (
)
EXT
EXT
OUT
R
R
R
+
×
=
180
/
180
In general, an additional hardware or software filter is added to
attenuate high frequency noise arising from demodulation spikes
at the 14 kHz resonant frequency of the gyro. The noise spikes
at 14 kHz can be clearly seen in the power spectral density
curve, shown in Figure 21. Typically, this additional filter corner
frequency is set to greater than 5× the required bandwidth to
preserve good phase response.
Figure 22 shows the effect of adding a 250 Hz filter to the
output of an ADXRS622 set to 40 Hz bandwidth (as shown
in Figure 21). High frequency demodulation artifacts are
attenuated by approximately 18 dB.
0.1
0.01
0.000001
0.00001
0.0001
0.001
10
100k
1k
100
(Hz)
10k
Figure 22. Noise Spectral Density with Additional 250 Hz Filter
TEMPERATURE OUTPUT AND CALIBRATION
It is common practice to temperature-calibrate gyros to improve
their overall accuracy. The ADXRS622 has a temperature propor-
tional voltage output that provides input to such a calibration
method. The temperature sensor structure is shown in Figure 23.
The temperature output is characteristically nonlinear, and any
load resistance connected to the TEMP output results in decreasing
the TEMP output and its temperature coefficient. Therefore,
buffering the output is recommended.
The voltage at the TEMP pin (3F, 3G) is nominally 2.5 V at 25°C,
and VRATIO = 5 V. The temperature coefficient is ~9 mV/°C at
25°C. Although the TEMP output is highly repeatable, it has
only modest absolute accuracy.
VRATIO
VTEMP
RFIXED
RTEMP
Figure 23. ADXRS622 Temperature Sensor Structure
CALIBRATED PERFORMANCE
Using a three-point calibration technique, it is possible to
calibrate the ADXRS622 null and sensitivity drift to an overall
accuracy of nearly 200°/hour. An overall accuracy of 40°/hour
or better is possible using more points.
Limiting the bandwidth of the device reduces the flat-band noise
during the calibration process, improving the measurement
accuracy at each calibration point.


Similar Part No. - ADXRS622

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS620BBGZ-RL AD-ADXRS620BBGZ-RL Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS620WBBGZA AD-ADXRS620WBBGZA Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS620WBBGZA AD-ADXRS620WBBGZA Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
More results

Similar Description - ADXRS622

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS613 AD-ADXRS613 Datasheet
421Kb / 12P
   짹150째/sec Yaw Rate Gyroscope
REV. 0
ADXRS623 AD-ADXRS623_V01 Datasheet
328Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
Rev. A
ADIS16100 AD-ADIS16100_15 Datasheet
427Kb / 16P
   Yaw Rate Gyroscope with SPI
REV. D
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADIS16080 AD-ADIS16080_15 Datasheet
518Kb / 16P
   Yaw Rate Gyroscope with SPI
Rev. C
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com