Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuC7126BSTZ126I Datasheet(PDF) 7 Page - Analog Devices

Part # ADuC7126BSTZ126I
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7126BSTZ126I Datasheet(HTML) 7 Page - Analog Devices

Back Button ADuC7126BSTZ126I Datasheet HTML 3Page - Analog Devices ADuC7126BSTZ126I Datasheet HTML 4Page - Analog Devices ADuC7126BSTZ126I Datasheet HTML 5Page - Analog Devices ADuC7126BSTZ126I Datasheet HTML 6Page - Analog Devices ADuC7126BSTZ126I Datasheet HTML 7Page - Analog Devices ADuC7126BSTZ126I Datasheet HTML 8Page - Analog Devices ADuC7126BSTZ126I Datasheet HTML 9Page - Analog Devices ADuC7126BSTZ126I Datasheet HTML 10Page - Analog Devices ADuC7126BSTZ126I Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
Data Sheet
ADuC7124/ADuC7126
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ANALOG OUTPUTS
Output Voltage Range 0
0 to DACREF
V
DACREF range: DACGND to DACVDD
Output Voltage Range 1
0 to 2.5
V
Output Voltage Range 2
0 to DACVDD
V
Output Impedance
0.5
DAC IN OP AMP MODE
DAC Output Buffer in Op Amp Mode
Input Offset Voltage
±0.4
mV
Input Offset Voltage Drift
4
µV/°C
Input Offset Current
2
nA
Input Bias Current
2.5
nA
Gain
70
dB
5 kΩ load
Unity Gain Frequency
4.5
MHz
RL = 5 kΩ, CL = 100 pF
CMRR
78
dB
Settling Time
12
µs
RL = 5 kΩ, CL = 100 pF
Output Slew Rate
3.2
V/µs
RL = 5 kΩ, CL = 100 pF
PSRR
75
dB
DAC AC CHARACTERISTICS
Voltage Output Settling Time
10
µs
Digital-to-Analog Glitch Energy
±10
nV-sec
1 LSB change at major carry (where maximum
number of bits simultaneously change in the
DACxDAT register)
COMPARATOR
Input Offset Voltage
±15
mV
Input Bias Current
1
µA
Input Voltage Range
AGND
AVDD – 1.2
V
Input Capacitance
8.5
pF
Hysteresis4, 6
2
15
mV
Hysteresis can be turned on or off via the
CMPHYST bit in the CMPCON register
Response Time
4
µs
100 mV overdrive and configured with
CMPRES = 11
TEMPERATURE SENSOR
Voltage Output at 25°C
1.415
V
ADuC7124
1.392
V
ADuC7126
Voltage Temperature Coefficient
3.914
mV/°C
ADuC7124
4.52
mV/°C
ADuC7126
Accuracy
±3
°C
A single point calibration is required
θJA Thermal Impedance
64-Lead LFCSP
24
°C/W
POWER SUPPLY MONITOR (PSM)
IOVDD Trip Point Selection
2.79
V
Two selectable trip points
3.07
V
Power Supply Trip Point Accuracy
±2.5
%
Of the selected nominal trip point voltage
POWER-ON RESET
2.41
V
WATCHDOG TIMER (WDT)
Timeout Period
0
512
sec
FLASH/EE MEMORY
Endurance9
10,000
Cycles
Data Retention10
20
Years
TJ = 85°C
DIGITAL INPUTS
All digital inputs excluding XCLKI and XCLKO
Logic 1 Input Current
±0.2
±1
µA
VIH = VDD or VIH = 5 V
Logic 0 Input Current
−40
−60
µA
VIL = 0 V; except TDI, TDO, and RTCK
−80
−120
µA
VIL = 0 V; TDI, TDO, and RTCK
Input Capacitance
5
pF
Rev. D | Page 7 of 110


Similar Part No. - ADuC7126BSTZ126I

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7120 AD-ADUC7120 Datasheet
1Mb / 102P
   Precision Analog Microcontroller, 12-Bit Analog Input/Output, ARM7TDMI MCU
ADUC7120BBCZ AD-ADUC7120BBCZ Datasheet
1Mb / 102P
   Precision Analog Microcontroller, 12-Bit Analog Input/Output, ARM7TDMI MCU
ADUC7120BBCZ-RL AD-ADUC7120BBCZ-RL Datasheet
1Mb / 102P
   Precision Analog Microcontroller, 12-Bit Analog Input/Output, ARM7TDMI MCU
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 102P
   Precision Analog Microcontroller, 12-Bit Analog Input/Output, ARM7TDMI MCU
More results

Similar Description - ADuC7126BSTZ126I

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7124 AD-ADUC7124 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
REV. 0
ADUC7023BCPZ62I AD-ADUC7023BCPZ62I Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. E
ADUC7023 AD-ADUC7023 Datasheet
1Mb / 98P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. H
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com