Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES235 Datasheet(PDF) 6 Page - Cyrustek corporation

Part # ES235
Description  4000 Counts DMM / Peak
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES235 Datasheet(HTML) 6 Page - Cyrustek corporation

Back Button ES235 Datasheet HTML 2Page - Cyrustek corporation ES235 Datasheet HTML 3Page - Cyrustek corporation ES235 Datasheet HTML 4Page - Cyrustek corporation ES235 Datasheet HTML 5Page - Cyrustek corporation ES235 Datasheet HTML 6Page - Cyrustek corporation ES235 Datasheet HTML 7Page - Cyrustek corporation ES235 Datasheet HTML 8Page - Cyrustek corporation ES235 Datasheet HTML 9Page - Cyrustek corporation ES235 Datasheet HTML 10Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
V 2.2
6
2015/12/15
ES235
4000 Counts DMM / Peak
Absolute Maximum Ratings
Characteristic
Rating
Supply Voltage (V- to AGND)
-4V
Analog Input Voltage
V- -0.6 to V+ +0.6
V+
V+
≥ (AGND/DGND+0.5V)
AGND/DGND
AGND/DGND
≥ (V- -0.5V)
Digital Input
V- -0.6 to DGND +0.6
Power Dissipation. Flat Package
500mW
Operating Temperature
-20℃ to 70℃
Storage Temperature
-45℃ to 125℃
Electrical Characteristics
Parameter
Symbol
Test Condition
Min.
Typ.
Max
Units
Power supply
V-
2.4
-3.0
3.3
V
Operating supply current In
DCV mode
IDD
Normal operation
1.8
2.5
mA
ISS
In sleep mode
5
10
µA
Voltage roll-over error
REV
10MΩ input resistor
±0.1
%F.S
1
Voltage nonlinearity
NLV
Best case straight line
CIL=MPR capacitor
±0.1
%F.S
1
Zero input reading
10MΩ input resistor
-000
000
+000
counts
Band-gap reference voltage
VREF
100KΩ resistor between
VRH and AGND
-1.30
-1.23
-1.16
V
Open circuit voltage for 40
measurement
V-=3V
-3.0
V
Open circuit voltage for other Ω
measurement
-1.19
-1.08
-0.97
V
Peak to peak backplane voltage
-3.5V
≤ V ≤-2.2V
3.0
3.1
3.2
V
Internal pull-high to 0V current
Between V- pin and
HOLD, RANGE, KEY,
FC1-FC5, BKLIT,
1.2
µA
Between V- pin
and RS232
11
µA
AC frequency response at
4.000V range
±1%
40-400
HZ
±5%
400-2000
3dB frequency for LPF mode
F3dB = 1kHz
1k
kHz
F3dB = Full
100k
kHz
Multi-level low battery detector
Vt1
LBAT9 vs. V-
2.15
V
Vt2
1.82
Reference voltage temperature
coefficient
TCRF
-20℃<TA<70℃
100
ppm/℃
Minimum pulse width for Peak
Hold feature
TPW
4MHz crystal oscillator
1
ms
Capacitance measurement
accuracy
4.0nF – 40mF
-2.5
2
2.5
2
%
-3
3
counts
Note:
1. Full Scale.
2. When capacitance measurement (Clamp mode) is selected, the additional error 1% should be increased.


Similar Part No. - ES235

ManufacturerPart #DatasheetDescription
logo
Power-One
ES2320-7R POWER-ONE-ES2320-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
Cyrustek corporation
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
   4000 Counts DMM
ES236 CYRUSTEK-ES236 Datasheet
800Kb / 36P
   4000 Counts DMM / Inrush
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
More results

Similar Description - ES235

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
   4000 Counts DMM
ES236 CYRUSTEK-ES236 Datasheet
800Kb / 36P
   4000 Counts DMM / Inrush
ES278 CYRUSTEK-ES278 Datasheet
637Kb / 25P
   4000 Counts Manual DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES251 CYRUSTEK-ES251 Datasheet
765Kb / 35P
   2000 Counts DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com