Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES236 Datasheet(PDF) 1 Page - Cyrustek corporation

Part # ES236
Description  4000 Counts DMM / Inrush
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES236 Datasheet(HTML) 1 Page - Cyrustek corporation

  ES236 Datasheet HTML 1Page - Cyrustek corporation ES236 Datasheet HTML 2Page - Cyrustek corporation ES236 Datasheet HTML 3Page - Cyrustek corporation ES236 Datasheet HTML 4Page - Cyrustek corporation ES236 Datasheet HTML 5Page - Cyrustek corporation ES236 Datasheet HTML 6Page - Cyrustek corporation ES236 Datasheet HTML 7Page - Cyrustek corporation ES236 Datasheet HTML 8Page - Cyrustek corporation ES236 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
V 2.2
1
2015/12/15
ES236
4000 Counts DMM / Inrush
Features
4,000 counts LCD display with 21 analog bar-graph
LQFP 128L package
3V DC power supply
Slow ADC Conversion rate : 3 times/s
Bar-graph ADC conversion rate : 30 times/s
Full automatic measurement
* Voltage measurement : 400.0mV, 4.000V – 1000V
* Current measurement :
μA/mA/A
* Frequency with Voltage or Current :
* Resistance measurement :
40.00
Ω – 40.00MΩ
* Capacitance measurement :
4.000nF – 40.00mF
( Taiwan patent no.: 323347, 453443 )
* Capacitance measurement for Clampmeter mode :
4.000nF – 40.00mF
* Smart auto check for R / S / D / C mode
Resistance : 0.0
Ω – 4.000MΩ
(Buz. On when R < 30Ω)
Capacitance : 0.500nF – 400.0uF
(Taiwan patent no.: 326361)
* Not contact AC electric field detection
* Frequency counter :
400.0Hz – 40.00MHz
* Duty cycle measurement :
5% – 95% (< 10kHz)
Diode measurement & continuity check
Hazardous AC/DC voltage (HV) indication
4 ADP modes with external reference voltage and
independent “ADP” user-defined segment on LCD
Temperature mode with internal scale translation
circuit from
0C to 0F
K-type thermocouple reference table compensation
(-200 ~ 1350
oC range)
Push functions :
* Inrush function
* VAHz function
* MAX/MIN function
* Relative function
* Zero function: DCA clampmeter only
* Back Light function
* KEY function
* Data Hold and delayed-hold function
* Range change function
* Semi-auto calibration operation
(Taiwan patent no.: 367334)
Low pass filter mode for ACA/ACV measurement
(Taiwan patent no.: 362409)
Band-gap reference voltage output
Voltage overflow selection ( DC / AC : 1010V, DC /
AC : 610V)
Serial data output ( RS232 format )
LCD segment check when power on
Auto power off ( 30min / 15min )
Sleep state indicative signal output
Re-power on
On-chip buzzer driver
Low battery detection
Description
ES236 is an integrated analog-to-digital converter
with 4,000-count LCD with bar-graph display,
automatic range selection, and 3V DC power
supply. Automatic range selection is provided for
ACV/DCV measurement, resistance measurement,
current measurement, capacitance measurement,
and frequency counter. Expensive and bulky
mechanical range switches are not required. Other
features include relative value display, offset
removing feature for DCA clamp mode, data
holding, maximum and minimum value holding,
duty cycle measurement, diode measurement,
inrush
function
for
clamp-on
ACA
mode,
temperature measurement, continuity checking,
low battery detection, auto power off, re-power on,
backlight driver, buzzer driver and RS232 data
output.


Similar Part No. - ES236

ManufacturerPart #DatasheetDescription
logo
Power-One
ES2320-7R POWER-ONE-ES2320-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
Cyrustek corporation
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
   4000 Counts DMM
ES235 CYRUSTEK-ES235 Datasheet
849Kb / 37P
   4000 Counts DMM / Peak
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
More results

Similar Description - ES236

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
   4000 Counts DMM
ES239 CYRUSTEK-ES239 Datasheet
827Kb / 36P
   6000 Counts DMM / Inrush
ES278 CYRUSTEK-ES278 Datasheet
637Kb / 25P
   4000 Counts Manual DMM
ES235 CYRUSTEK-ES235 Datasheet
849Kb / 37P
   4000 Counts DMM / Peak
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES251 CYRUSTEK-ES251 Datasheet
765Kb / 35P
   2000 Counts DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com