Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES278 Datasheet(PDF) 4 Page - Cyrustek corporation

Part # ES278
Description  4000 Counts Manual DMM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES278 Datasheet(HTML) 4 Page - Cyrustek corporation

  ES278 Datasheet HTML 1Page - Cyrustek corporation ES278 Datasheet HTML 2Page - Cyrustek corporation ES278 Datasheet HTML 3Page - Cyrustek corporation ES278 Datasheet HTML 4Page - Cyrustek corporation ES278 Datasheet HTML 5Page - Cyrustek corporation ES278 Datasheet HTML 6Page - Cyrustek corporation ES278 Datasheet HTML 7Page - Cyrustek corporation ES278 Datasheet HTML 8Page - Cyrustek corporation ES278 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
V 1.5
4
2015/12/11
ES278
4000 Counts Manual DMM
Pin Description ( Continued )
Pin No
Symbol
Type
Description
39
BKOUT
O
Push Hold key lager than 2 sec. to enable the back light function. This pin will
change from V- to V+ and lasts for 5 minutes.. Once press Hold key lager than 1
sec. again , this pin will change level back to V-.
40
CESEL
I
Voltage OL selection feature control pin. (1010V/610V)
41
DISDGBP
I
Control warning buzzer output at HV mode. Pulled to low and buzzer is disabled.
42
VST
I
In µA or mA modes, it is used to control the ‘µ’ or ‘m’ sign. Set to V- to enable
clamp current mode.
43
SLEEP
O
Sleep mode indicator, asserts low in SLEEP mode.
44
ASEL
I
Current mode OL indication for 2000A (VST = V-) or 20A (VST = Floating)
ranges
45
DIOV
I
Pulled to V- to set the 2.8V OL level in diode mode measurement
46
BUZIN
I
Pulled to V- to enable the buzzer output (BUZOUT) always.
47-50
BP4-1
O
LCD backplane 4 - LCD backplane1
51
NC
-
Not connected
52
ANNUNC
O
Square wave output at the backplane frequency, synchronized to BP1. ANNUNC
can be used to control display annunciator. Connect a LCD segment to ANNUNC
to turn it on; connect an LCD segment to its backplane to turn it off.
53-67
SEG15 - SEG01
O
LCD segment line 01 – 14.
68
MMX
I
Pulse to V- to enable MAX/MIN function.
69
KEY
I
Pulse to V- to change mode.
70
HOLD
I
Pulse to V- less than 1 second. to enable HOLD function.
71
S40uA
I
Pulled to V- to change 400.0uA to 40.00uA display.
72
OSC1
O
Connect to 4MHz crystal oscillator
73-77
NC
-
Not connected
78
OSC2
I
Connect to 4MHz crystal oscillator
79
BUZOUT
O
Outputs a 2KHz audio frequency signal for driving piezoelectric buzzer
80
FC6
I
Switch 6 for function selection.
81
FC5
I
Switch 5 for function selection.
82
FC4
I
Switch 4 for function selection.
83
FC3
I
Switch 3 for function selection.
84
FC2
I
Switch 2 for function selection.
85
FC1
I
Switch 1 for function selection.
86
SLACDC
I
Select initial DC/AC state.
87
CP
O
Positive capacitor connection for on-chip DC-DC converter.
88
CN
O
Negative capacitor connection for on-chip DC-DC converter.


Similar Part No. - ES278

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
ES27484T22F21S AMPHENOL-ES27484T22F21S Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
logo
Cyrustek corporation
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
More results

Similar Description - ES278

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
   4000 Counts DMM
ES236 CYRUSTEK-ES236 Datasheet
800Kb / 36P
   4000 Counts DMM / Inrush
ES235 CYRUSTEK-ES235 Datasheet
849Kb / 37P
   4000 Counts DMM / Peak
ES218 CYRUSTEK-ES218 Datasheet
645Kb / 26P
   2000 Counts Manual DMM
ES289 CYRUSTEK-ES289 Datasheet
512Kb / 28P
   20000 Counts Manual DMM
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES251 CYRUSTEK-ES251 Datasheet
765Kb / 35P
   2000 Counts DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com