Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES278 Datasheet(PDF) 7 Page - Cyrustek corporation

Part # ES278
Description  4000 Counts Manual DMM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES278 Datasheet(HTML) 7 Page - Cyrustek corporation

Back Button ES278 Datasheet HTML 3Page - Cyrustek corporation ES278 Datasheet HTML 4Page - Cyrustek corporation ES278 Datasheet HTML 5Page - Cyrustek corporation ES278 Datasheet HTML 6Page - Cyrustek corporation ES278 Datasheet HTML 7Page - Cyrustek corporation ES278 Datasheet HTML 8Page - Cyrustek corporation ES278 Datasheet HTML 9Page - Cyrustek corporation ES278 Datasheet HTML 10Page - Cyrustek corporation ES278 Datasheet HTML 11Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
V 1.5
7
2015/12/11
ES278
4000 Counts Manual DMM
Function Description
1. Operating Modes
1.1.
Voltage Measurement
A re-configurable voltage divider provides a manual range in voltage measurement mode. The
400.0mV range is independent and manual mode. It takes input signal from mVin (pin22). The other
ranges take the input signal from VR1 (pin21). The following table summarizes the Full-Scale ranges
in each configuration.
Configuration
Full Scale Range
Divider Ratio
Resister Connection
Input Pin
VR1
400.0mV
1
-
mVin V.S. SGND
VR2
4.000V
1/10
VR2 (1.111MΩ)
VR1 V.S. SGND
VR3
40.00V
1/100
VR3 (101KΩ)
VR1 V.S. SGND
VR4
400.0V
1/1000
VR4 (10.01
KΩ)
VR1 V.S. SGND
VR5
1000V
1/10000
VR5 (1KΩ)
VR1 V.S. SGND
The ES278 support the hazardous live voltage warning. When the voltage measured exceeds the
30V, the buzzer generates 2KHz beep and ALARM (pin38) drive high output (V+ level)
periodically. It can remind the user to notice the hazardous voltage. The buzzer sound warning
could be cancelled by DISDGBP (pin41).
1.1.1. OL Selection
ES278 has a voltage OL selection feature archived by configuring the pin CESEL (pin40). In
1000V voltage mode, ES278 will show OL when the voltage is exceed the overflow level. If CESEL
is connected to DGND, ES278 will have a 1010V overflow level in voltage mode. If CESEL
connected to V-, the overflow level will be set to 610V in DCV and ACV mode. The configuration of
CESEL is listed below.
For ACV/DCV voltage modes:
CESEL
V-
DGND
Floating
DCV
610V
1010V
1010V
ACV
610V
1010V
760V


Similar Part No. - ES278

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
ES27484T22F21S AMPHENOL-ES27484T22F21S Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
logo
Cyrustek corporation
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
More results

Similar Description - ES278

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
   4000 Counts DMM
ES236 CYRUSTEK-ES236 Datasheet
800Kb / 36P
   4000 Counts DMM / Inrush
ES235 CYRUSTEK-ES235 Datasheet
849Kb / 37P
   4000 Counts DMM / Peak
ES218 CYRUSTEK-ES218 Datasheet
645Kb / 26P
   2000 Counts Manual DMM
ES289 CYRUSTEK-ES289 Datasheet
512Kb / 28P
   20000 Counts Manual DMM
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES251 CYRUSTEK-ES251 Datasheet
765Kb / 35P
   2000 Counts DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com