Electronic Components Datasheet Search |
|
AP9564GM-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp. |
|
AP9564GM-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp. |
1 / 5 page Advanced Power P-CHANNEL ENHANCEMENT MODE Electronics Corp. POWER MOSFET ▼ ▼ ▼ ▼ Simple Drive Requirement BVDSS -40V ▼ ▼ ▼ ▼ Low On-resistance RDS(ON) 28mΩ ▼ ▼ ▼ ▼ Fast Switching Characteristic ID -7.3A ▼ ▼ ▼ ▼ RoHS Compliant & Halogen-Free Description Absolute Maximum Ratings@Tj=25 oC(unless otherwise specified) Symbol Units VDS V VGS V ID@TA=25℃ A ID@TA=70℃ A IDM A PD@TA=25℃ W W/℃ TSTG ℃ TJ ℃ Symbol Value Unit Rthj-a Maximum Thermal Resistance, Junction-ambient 3 50 ℃/W Data and specifications subject to change without notice 1 AP9564GM-HF Rating -40 +25 -7.3 0.02 Parameter Drain-Source Voltage Gate-Source Voltage Drain Current, VGS @ 10V 3 Linear Derating Factor Storage Temperature Range Drain Current, VGS @ 10V 3 -5.9 Pulsed Drain Current 1 -30 201501123 Halogen-Free Product Thermal Data Parameter Total Power Dissipation 2.5 -55 to 150 Operating Junction Temperature Range -55 to 150 S S S G D D D D SO-8 G D S AP9564 series are from Advanced Power innovated design and silicon process technology to achieve the lowest possible on- resistance and fast switching performance. It provides the designer with an extreme efficient device for use in a wide range of power applications. The SO-8 package is widely preferred for all commercial-industrial surface mount applications using infrared reflow technique and suited for voltage conversion or switch applications. |
Similar Part No. - AP9564GM-HF_16 |
|
Similar Description - AP9564GM-HF_16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |