Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS715A01DRBT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS715A01DRBT
Description  24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS715A01DRBT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS715A01DRBT Datasheet HTML 4Page - Texas Instruments TPS715A01DRBT Datasheet HTML 5Page - Texas Instruments TPS715A01DRBT Datasheet HTML 6Page - Texas Instruments TPS715A01DRBT Datasheet HTML 7Page - Texas Instruments TPS715A01DRBT Datasheet HTML 8Page - Texas Instruments TPS715A01DRBT Datasheet HTML 9Page - Texas Instruments TPS715A01DRBT Datasheet HTML 10Page - Texas Instruments TPS715A01DRBT Datasheet HTML 11Page - Texas Instruments TPS715A01DRBT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
_
+
Current
Sense
LeakageNull
ControlCircuit
R1
R2
V(IN)
GND
V(OUT)
ILIM
Bandgap
Reference
V
=1.205V
ref
_
+
Current
Sense
LeakageNull
ControlCircuit
R1
R2
V(IN)
GND
V(OUT)
ILIM
Bandgap
Reference
V
=1.205V
ref
FB
8
TPS715A
SBVS047H – MAY 2004 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS715A
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS715A family of low dropout regulators consumes only 3.2 µA of current and offers a wide input voltage
range and low-dropout voltage in a small package. The devices operate over an input range of 2.5 V to 24 V and
are stable with any capacitor greater than or equal to 0.47
μF. The low quiescent current makes the TPS715A
ideal for powering battery management devices. Specifically, because the TPS715A is enabled as soon as the
applied voltage reaches the minimum input voltage, the output is quickly available to power continuously-
operating, battery-charging devices.
7.2 Functional Block Diagrams
Figure 14. Functional Block Diagram—Adjustable Version
Figure 15. Functional Block Diagram—Fixed Version


Similar Part No. - TPS715A01DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A01DRBT TI1-TPS715A01DRBT Datasheet
820Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA LDO LINEAR REGULATORS
TPS715A01DRBT TI-TPS715A01DRBT Datasheet
920Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
TPS715A01DRBT TI1-TPS715A01DRBT Datasheet
6Mb / 39P
[Old version datasheet]   TPS715A 80-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
TPS715A01DRBT- TI1-TPS715A01DRBT- Datasheet
820Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA LDO LINEAR REGULATORS
TPS715A01DRBT-NM TI1-TPS715A01DRBT-NM Datasheet
466Kb / 20P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
More results

Similar Description - TPS715A01DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A-NM TI1-TPS715A-NM Datasheet
466Kb / 20P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A TI-TPS715A_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS715A, 24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A01 TI-TPS715A01 Datasheet
285Kb / 11P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED 80-mA LDO LINEAR REGULATORS
logo
List of Unclassifed Man...
MAS9162 ETC1-MAS9162 Datasheet
89Kb / 8P
   80 mA LDO VOLTAGE REGULATOR IC
logo
RICOH electronics devic...
R1155 RICOH-R1155 Datasheet
563Kb / 26P
   150 mA 24 V Input High Voltage Regulator
logo
Nisshinbo Micro Devices...
R1155X NISSHINBO-R1155X Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
logo
Microchip Technology
MCP1799 MICROCHIP-MCP1799 Datasheet
1Mb / 25P
   80 mA High-Voltage Automotive LDO
05/14/19
logo
STMicroelectronics
ST715XX STMICROELECTRONICS-ST715XX Datasheet
382Kb / 19P
   High input voltage - 85 mA LDO linear regulator
ST715 STMICROELECTRONICS-ST715_V01 Datasheet
604Kb / 24P
   High input voltage, 85 mA LDO linear regulator
October 2020 Rev 15
LDK715 STMICROELECTRONICS-LDK715 Datasheet
542Kb / 18P
   High input voltage 85 mA LDO linear regulator
July 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com