Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2553-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2553-Q1
Description  Precision Adjustable Current-Limited Power-Distribution Switches
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2553-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2553-Q1 Datasheet HTML 1Page - Texas Instruments TPS2553-Q1 Datasheet HTML 2Page - Texas Instruments TPS2553-Q1 Datasheet HTML 3Page - Texas Instruments TPS2553-Q1 Datasheet HTML 4Page - Texas Instruments TPS2553-Q1 Datasheet HTML 5Page - Texas Instruments TPS2553-Q1 Datasheet HTML 6Page - Texas Instruments TPS2553-Q1 Datasheet HTML 7Page - Texas Instruments TPS2553-Q1 Datasheet HTML 8Page - Texas Instruments TPS2553-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
TPS2553-Q1
www.ti.com
SLVSBD0A – NOVEMBER 2012 – REVISED MARCH 2016
Product Folder Links: TPS2553-Q1
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPS2553-Q1
UNIT
DBV (SOT-23)
6 PINS
RθJA
Junction-to-ambient thermal resistance
182.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
122.2
°C/W
RθJB
Junction-to-board thermal resistance
29.4
°C/W
ψJT
Junction-to-top characterization parameter
20.8
°C/W
ψJB
Junction-to-board characterization parameter
28.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
6.5 Electrical Characteristics
over recommended operating conditions, VEN = VIN, RFAULT = 10 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
rDS(on)
Static drain-source on-state
resistance
DBV package, TA = 25°C
85
95
m
DBV package, –40°C
≤TA ≤125°C
135
tr
Rise time, output
VIN = 6.5 V
CL = 1 μF, RL = 100 Ω,
(see Figure 19)
1.1
1.5
ms
VIN = 2.5 V
0.7
1
tf
Fall time, output
VIN = 6.5 V
0.2
0.5
VIN = 2.5 V
0.2
0.5
ENABLE INPUT EN OR EN
Enable pin turn on/off
threshold
0.66
1.1
V
IEN
Input current
VEN = 0 V or 6.5 V, VEN = 0 V or 6.5 V
–0.5
0.5
μA
ton
Turnon time
CL = 1 μF, RL = 100 Ω, (see Figure 19)
3
ms
toff
Turnoff time
3
ms
CURRENT-LIMIT
IOS
Current-limit threshold
(Maximum DC output
current IOUT delivered to
load) and Short-circuit
current, OUT connected to
GND
RILIM = 15 kΩ
–40°C
≤TA ≤105°C
1610
1700
1800
mA
RILIM = 20 kΩ
TA = 25°C
1215
1295
1375
–40°C
≤TA ≤125°C
1200
1295
1375
RILIM = 49.9 kΩ
TA = 25°C
490
520
550
–40°C
≤TA ≤125°C
475
520
565
RILIM = 210 kΩ
100
130
150
ILIM shorted to IN
50
75
100
tIOS
Response time to short
circuit
VIN = 5 V (see Figure 20)
2
μs
REVERSE-VOLTAGE PROTECTION
Reverse-voltage
comparator trip point
(VOUT – VIN)
95
135
190
mV
Time from reverse-voltage
condition to MOSFET turn
off
VIN = 5 V
3
5
7
ms


Similar Part No. - TPS2553-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2553-Q1 TI-TPS2553-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2553-Q1 TI1-TPS2553-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
More results

Similar Description - TPS2553-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI1-TPS2552_17 Datasheet
1Mb / 38P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com