Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72030QDRVRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72030QDRVRQ1
Description  RF Low-Dropout Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72030QDRVRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS72030QDRVRQ1 Datasheet HTML 1Page - Texas Instruments TPS72030QDRVRQ1 Datasheet HTML 2Page - Texas Instruments TPS72030QDRVRQ1 Datasheet HTML 3Page - Texas Instruments TPS72030QDRVRQ1 Datasheet HTML 4Page - Texas Instruments TPS72030QDRVRQ1 Datasheet HTML 5Page - Texas Instruments TPS72030QDRVRQ1 Datasheet HTML 6Page - Texas Instruments TPS72030QDRVRQ1 Datasheet HTML 7Page - Texas Instruments TPS72030QDRVRQ1 Datasheet HTML 8Page - Texas Instruments TPS72030QDRVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
IN
GND
BIAS
6
5
4
OUT
NC
EN
1
2
3
Thermal
Pad
(1)
3
TPS720-Q1
www.ti.com
SBVS278 – FEBRUARY 2016
Product Folder Links: TPS720-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRV Package
6-Pin WSON With Exposed Thermal Pad
Top View
(1)
Connecting the WSON (DRV) package thermal pad to ground is recommended.
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
OUT
O
Output pin. A 2.2-
μF ceramic capacitor is connected from this pin to ground for stability and to provide load
transients; see the Input and Output Capacitor Requirements section.
2
NC
No connection
3
EN
I
Enable pin. A logic high signal on this pin turns the device on and regulates the voltage from IN to OUT.
A logic low on this pin turns the device off.
4
BIAS
I
Bias supply pin. Bypassing this input with a ceramic capacitor to ground is recommended for better transient
performance; see the Input and Output Capacitor Requirements section.
5
GND
Ground pin
6
IN
I
Input pin. This pin can be a maximum of 4.5 V; VIN must not exceed VBIAS. Bypass this input with a ceramic
capacitor to ground; see the Input and Output Capacitor Requirements section.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
To ensure proper device operation, VIN must be less than or equal to VBIAS under all conditions.
(3)
Whichever is less.
(4)
For durations no longer than 1 ms each, for a total of no more than 1000 occurrences over the lifetime of the device.
6 Specifications
6.1 Absolute Maximum Ratings
at TJ = –40°C to 125°C (unless otherwise noted); all voltages are with respect to GND
(1)
MIN
MAX
UNIT
VIN
(2)
Input voltage (steady-state)
–0.3
VBIAS or 5
(3)
V
VIN_PEAK
(4)
Peak transient input
5.5
V
VBIAS
Bias voltage
–0.3
6
V
VEN
Enable voltage
–0.3
6
V
VOUT
Output voltage
–0.3
5
V
IOUT
Peak output current
Internally limited
Output short-circuit duration
Indefinite
PDISS
Total continuous power dissipation
See Thermal Information
TJ
Operating junction temperature
–55
125
°C
Tstg
Storage temperature
–55
150
°C


Similar Part No. - TPS72030QDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS720 TI-TPS720 Datasheet
552Kb / 19P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720 TI1-TPS720 Datasheet
1Mb / 33P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720 TI1-TPS720 Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720-Q1 TI1-TPS720-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720-Q1 TI1-TPS720-Q1 Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
More results

Similar Description - TPS72030QDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com