Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS715A33DRBTG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS715A33DRBTG4
Description  24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS715A33DRBTG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS715A33DRBTG4 Datasheet HTML 1Page - Texas Instruments TPS715A33DRBTG4 Datasheet HTML 2Page - Texas Instruments TPS715A33DRBTG4 Datasheet HTML 3Page - Texas Instruments TPS715A33DRBTG4 Datasheet HTML 4Page - Texas Instruments TPS715A33DRBTG4 Datasheet HTML 5Page - Texas Instruments TPS715A33DRBTG4 Datasheet HTML 6Page - Texas Instruments TPS715A33DRBTG4 Datasheet HTML 7Page - Texas Instruments TPS715A33DRBTG4 Datasheet HTML 8Page - Texas Instruments TPS715A33DRBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
TPS715A
SBVS047H – MAY 2004 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS715A
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 3
6.1
Absolute Maximum Ratings ...................................... 3
6.2
ESD Ratings.............................................................. 3
6.3
Recommended Operating Conditions ....................... 3
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 4
6.6
Typical Characteristics .............................................. 5
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagrams ....................................... 8
7.3
Feature Description................................................... 9
7.4
Device Functional Modes.......................................... 9
8
Application and Implementation ........................ 10
8.1
Application Information............................................ 10
8.2
Typical Applications ................................................ 10
8.3
Do's and Don'ts ....................................................... 12
9
Power Supply Recommendations ...................... 12
10
Layout................................................................... 13
10.1
Layout Guidelines ................................................. 13
10.2
Layout Example .................................................... 13
10.3
Power Dissipation ................................................. 13
11
Device and Documentation Support ................. 14
11.1
Device Support...................................................... 14
11.2
Documentation Support ....................................... 14
11.3
Community Resources.......................................... 14
11.4
Trademarks ........................................................... 14
11.5
Electrostatic Discharge Caution ............................ 15
11.6
Glossary ................................................................ 15
12
Mechanical, Packaging, and Orderable
Information ........................................................... 15
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (May 2015) to Revision H
Page
Changed third Applications bullet .......................................................................................................................................... 1
Added package designators to Device Information table for clarity ...................................................................................... 1
Corrected pin numbers in Pin Functions table to align with pin out configurations................................................................ 3
Added parameter name to VIN row of Absolute Maximum Ratings table ............................................................................... 3
Deleted Dissipation Ratings table .......................................................................................................................................... 4
Added last three items to Related Documentation .............................................................................................................. 14
Changes from Revision F (October 2012) to Revision G
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
Changes from Revision E (June 2011) to Revision F
Page
Updated Figure 15. ................................................................................................................................................................. 9
Changes from Revision D (May, 2007) to Revision E
Page
Added last Applications bullet................................................................................................................................................. 1
Added last sentence to Description section ........................................................................................................................... 1


Similar Part No. - TPS715A33DRBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A33DRBTG4 TI-TPS715A33DRBTG4 Datasheet
920Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
TPS715A33DRBTG4 TI1-TPS715A33DRBTG4 Datasheet
820Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA LDO LINEAR REGULATORS
More results

Similar Description - TPS715A33DRBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A-NM TI1-TPS715A-NM Datasheet
466Kb / 20P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A TI-TPS715A_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS715A, 24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A01 TI-TPS715A01 Datasheet
285Kb / 11P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED 80-mA LDO LINEAR REGULATORS
logo
List of Unclassifed Man...
MAS9162 ETC1-MAS9162 Datasheet
89Kb / 8P
   80 mA LDO VOLTAGE REGULATOR IC
logo
RICOH electronics devic...
R1155 RICOH-R1155 Datasheet
563Kb / 26P
   150 mA 24 V Input High Voltage Regulator
logo
Nisshinbo Micro Devices...
R1155X NISSHINBO-R1155X Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
logo
Microchip Technology
MCP1799 MICROCHIP-MCP1799 Datasheet
1Mb / 25P
   80 mA High-Voltage Automotive LDO
05/14/19
logo
STMicroelectronics
ST715XX STMICROELECTRONICS-ST715XX Datasheet
382Kb / 19P
   High input voltage - 85 mA LDO linear regulator
ST715 STMICROELECTRONICS-ST715_V01 Datasheet
604Kb / 24P
   High input voltage, 85 mA LDO linear regulator
October 2020 Rev 15
LDK715 STMICROELECTRONICS-LDK715 Datasheet
542Kb / 18P
   High input voltage 85 mA LDO linear regulator
July 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com