Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72027QDRVRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72027QDRVRQ1
Description  RF Low-Dropout Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72027QDRVRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS72027QDRVRQ1 Datasheet HTML 3Page - Texas Instruments TPS72027QDRVRQ1 Datasheet HTML 4Page - Texas Instruments TPS72027QDRVRQ1 Datasheet HTML 5Page - Texas Instruments TPS72027QDRVRQ1 Datasheet HTML 6Page - Texas Instruments TPS72027QDRVRQ1 Datasheet HTML 7Page - Texas Instruments TPS72027QDRVRQ1 Datasheet HTML 8Page - Texas Instruments TPS72027QDRVRQ1 Datasheet HTML 9Page - Texas Instruments TPS72027QDRVRQ1 Datasheet HTML 10Page - Texas Instruments TPS72027QDRVRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Output Current (mA)
0
1
2
3
4
5
6
7
8
9
10
1.79
1.8
1.81
1.82
1.83
TJ = -40°C
TJ = 0°C
TJ = 25°C
TJ = 85°C
TJ = 105°C
TJ = 125°C
Output Current (mA)
0
50
100
150
200
250
300
350
1.79
1.8
1.81
1.82
1.83
TJ = -40°C
TJ = 0°C
TJ = 25°C
TJ = 85°C
TJ = 105°C
TJ = 125°C
Bias Voltage (V)
3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9
4
4.1 4.2 4.3 4.4 4.5
1.79
1.8
1.81
1.82
1.83
TJ = -40°C
TJ = 0°C
TJ = 25°C
TJ = 85°C
TJ = 105°C
TJ = 125°C
Input Voltage (V)
3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9
4
4.1 4.2 4.3 4.4 4.5
1.79
1.8
1.81
1.82
1.83
TJ = -40°C
TJ = 0°C
TJ = 25°C
TJ = 85°C
TJ = 105°C
TJ = 125°C
Input Voltage (V)
3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9
4
4.1 4.2 4.3 4.4 4.5
1.79
1.8
1.81
1.82
1.83
TJ = -40°C
TJ = 0°C
TJ = 25°C
TJ = 85°C
TJ = 105°C
TJ = 125°C
Input Voltage (V)
3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9
4
4.1 4.2 4.3 4.4 4.5
1.79
1.8
1.81
1.82
1.83
TJ = -40°C
TJ = 0°C
TJ = 25°C
TJ = 85°C
TJ = 105°C
TJ = 125°C
7
TPS720-Q1
www.ti.com
SBVS278 – FEBRUARY 2016
Product Folder Links: TPS720-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.7 Typical Characteristics
over operating temperature range (TJ = –40°C to +125°C), VBIAS = (VOUT + 1.4 V) or 2.6 V (whichever is greater), VIN = VOUT +
0.5 V, IOUT = 1 mA, VEN = 1.1 V, and COUT = 2.2 μF (unless otherwise noted); typical values are at TJ = 25°C
IOUT = 0 mA
Figure 1. VIN Line Regulation (No Load)
IOUT = 350 mA
Figure 2. VIN Line Regulation (350 mA)
IOUT = 0 mA
Figure 3. VBIAS Line Regulation (No Load)
IOUT = 350 mA
Figure 4. VBIAS Line Regulation (350 mA)
Figure 5. Load Regulation Under Light Loads
Figure 6. Load Regulation


Similar Part No. - TPS72027QDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72023YZUR TI1-TPS72023YZUR Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS72023YZUT TI1-TPS72023YZUT Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
More results

Similar Description - TPS72027QDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com