Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76333QDBVRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76333QDBVRQ1
Description  Low-Power, 150-mA, Low-Dropout Linear Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76333QDBVRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS76333QDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS76333QDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS76333QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS76333QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS76333QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS76333QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS76333QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS76333QDBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS76333QDBVRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
IO − Output Current − mA
2.5
2.485
2.475
30
90
2.495
2.49
2.48
60
120
180
2.505
0
150
VI = 3.5 V
CI = CO = 4.7 µF
TJ = 25°C
IO − Output Current − mA
1.795
1.780
1.770
30
90
1.790
1.785
1.775
60
120
180
1.805
0
150
1.800
VI = 3.5 V
CI = CO = 4.7 µF
TJ = 25°C
6
TPS763-Q1, TPS76301-Q1, TPS76316-Q1, TPS76318-Q1
TPS76325-Q1, TPS76330-Q1, TPS76333-Q1, TPS76350-Q1
SGLS247B – SEPTEMBER 2011 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS763-Q1 TPS76301-Q1 TPS76316-Q1 TPS76318-Q1 TPS76325-Q1 TPS76330-Q1
TPS76333-Q1 TPS76350-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range, VI = VO(typ) + 1 V, IO = 1 mA, EN = IN, Co = 4.7 μF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDO
Dropout voltage
TPS76325-Q1
IO = 0 mA, TJ = 25°C
0.2
mV
IO = 1 mA, TJ = 25°C
3
IO = 50 mA, TJ = 25°C
120
150
IO = 50 mA
200
IO = 75 mA, TJ = 25°C
180
225
IO = 75 mA
300
IO = 100 mA, TJ = 25°C
240
300
IO = 100 mA
400
IO = 150 mA, TJ = 25°C
360
450
IO = 150 mA
600
TPS76333-Q1
IO = 0 mA, TJ = 25°C
0.2
mV
IO = 1 mA, TJ = 25°C
3
IO = 50 mA, TJ = 25°C
100
125
IO = 50 mA
166
IO = 75 mA, TJ = 25°C
150
188
IO = 75 mA
250
IO = 100 mA, TJ = 25°C
200
250
IO = 100 mA
333
IO = 150 mA, TJ = 25°C
300
375
IO = 150 mA
500
TPS76350-Q1
IO = 0 mA, TJ = 25°C
0.2
mV
IO = 1 mA, TJ = 25°C
2
IO = 50 mA, TJ = 25°C
60
75
IO = 50 mA
100
IO = 75 mA, TJ = 25°C
90
113
IO = 75 mA
150
IO = 100 mA, TJ = 25°C
120
150
IO = 100 mA
200
IO = 150 mA, TJ = 25°C
180
225
IO = 150 mA
300
7.6 Typical Characteristics
Figure 1. TPS76325-Q1 Output Voltage vs Output Current
Figure 2. TPS76318-Q1 Output Voltage vs Output Current


Similar Part No. - TPS76333QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76333QDBVRQ1 TI1-TPS76333QDBVRQ1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76333QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com