Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54361 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS54361
Description  4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54361 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54361_16 Datasheet HTML 6Page - Texas Instruments TPS54361_16 Datasheet HTML 7Page - Texas Instruments TPS54361_16 Datasheet HTML 8Page - Texas Instruments TPS54361_16 Datasheet HTML 9Page - Texas Instruments TPS54361_16 Datasheet HTML 10Page - Texas Instruments TPS54361_16 Datasheet HTML 11Page - Texas Instruments TPS54361_16 Datasheet HTML 12Page - Texas Instruments TPS54361_16 Datasheet HTML 13Page - Texas Instruments TPS54361_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
0
100
200
300
400
500
600
700
800
900
0
100
200
300
400
500
600
700
800
SS/TR (mV)
VIN = 12 V, 25 °C
C024
V
IN = 12 V, 25 °C
20
25
30
35
40
45
50
55
60
±50
±25
0
25
50
75
100
125
150
T
J ± Junction Temperature (ƒC)
VIN = 12 V, FB = 0.4 V
C025
V
IN = 12 V, FB = 0.4 V
0
10
20
30
40
50
60
70
80
±50
±25
0
25
50
75
100
125
150
T
J ± Junction Temperature (ƒC)
VIN = 12 V
C021
V
IN = 12 V
88
90
92
94
96
98
100
102
104
106
108
110
±50
±25
0
25
50
75
100
125
150
T
J ± Junction Temperature (ƒC)
C022
V
IN = 12 V
FB
FB Rising
FB Falling
FB Falling
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
±50
±25
0
25
50
75
100
125
150
T
J ± Junction Temperature (ƒC)
BOOT-PH UVLO Falling
BOOT-PH UVLO Rising
C019
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
4.5
±50
±25
0
25
50
75
100
125
150
T
J ± Junction Temperature (ƒC)
UVLO Start Switching
UVLO Stop Switching
C020
10
TPS54361
SLVSC39C – NOVEMBER 2013 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54361
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 19. BOOT-SW UVLO vs Junction Temperature
Figure 20. Input Voltage UVLO vs Junction Temperature
Figure 21. PWRGD ON-Resistance vs Junction Temperature
Figure 22. PWRGD Threshold vs Junction Temperature
Figure 23. SS/TR to FB Offset vs FB
Figure 24. SS/TR to FB Offset vs Temperature


Similar Part No. - TPS54361_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54361 TI-TPS54361_15 Datasheet
2Mb / 51P
[Old version datasheet]   TPS54361 4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter With Soft-Start and Eco- Mode?
More results

Similar Description - TPS54361_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54561 TI1-TPS54561_16 Datasheet
2Mb / 53P
[Old version datasheet]   4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPS54560 TI1-TPS54560_13 Datasheet
1Mb / 43P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560B-Q1 TI1-TPS54560B-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI-TPS54560 Datasheet
1Mb / 39P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com