Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54361DPRT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54361DPRT
Description  4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54361DPRT Datasheet(HTML) 3 Page - Texas Instruments

  TPS54361DPRT Datasheet HTML 1Page - Texas Instruments TPS54361DPRT Datasheet HTML 2Page - Texas Instruments TPS54361DPRT Datasheet HTML 3Page - Texas Instruments TPS54361DPRT Datasheet HTML 4Page - Texas Instruments TPS54361DPRT Datasheet HTML 5Page - Texas Instruments TPS54361DPRT Datasheet HTML 6Page - Texas Instruments TPS54361DPRT Datasheet HTML 7Page - Texas Instruments TPS54361DPRT Datasheet HTML 8Page - Texas Instruments TPS54361DPRT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
BOOT
VIN
EN
SS/TR
RT/CLK
PWRGD
SW
GND
COMP
FB
10
9
1
2
3
4
5
8
7
6
3
TPS54361
www.ti.com
SLVSC39C – NOVEMBER 2013 – REVISED FEBRUARY 2016
Product Folder Links: TPS54361
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DPR Package
10-Pin WSON With Thermal Pad
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
BOOT
1
I
A bootstrap capacitor is required between the BOOT and SW pin. If the voltage on this capacitor is below
the minimum required to turn on the high-side MOSFET, the gate drive is switched off until the capacitor is
refreshed.
COMP
7
I
This pin is the error amplifier output and input to the output switch current (PWM) comparator. Connect
frequency compensation components to this pin.
EN
3
I
This pin is the enable pin. An internal pullup current source enables the TPS54361 if the EN pin is floating.
Pull EN below 1.2 V to disable. Adjust the input undervoltage lockout with two resistors. See Enable and
Adjusting Undervoltage Lockout.
FB
6
I
This pin is the inverting input of the transconductance (gm) error amplifier.
GND
8
Ground
PWRGD
10
O
The Power Good pin is an open drain output that asserts low if the output voltage is out of regulation
because of thermal shutdown, dropout, overvoltage, or EN shutdown.
RT/CLK
5
I
This pin is the resistor timing and external clock pin. An internal amplifier holds this pin at a fixed voltage
when using an external resistor to ground to set the switching frequency. If the pin is pulled above the PLL
upper threshold, a mode change occurs and the pin becomes a synchronization input. The internal
amplifier is disabled and the pin is a high-impedance clock input to the internal PLL. If clocking edges stop,
the internal amplifier is re-enabled and the operating mode returns to resistor frequency programming.
SS/TR
4
I
This pin is the soft start and tracking pin. An external capacitor connected to this pin sets the output rise
time. Because the voltage on this pin overrides the internal reference, the SS/TR pin can be used for
tracking and sequencing.
SW
9
O
The SW pin is the source of the internal high-side power MOSFET and switching node of the converter.
VIN
2
I
Connect to this pin the input voltage supply with a 4.5-V to 60-V operating range.
Thermal Pad
The GND pin must be electrically connected to the exposed pad on the printed circuit board for proper
operation.


Similar Part No. - TPS54361DPRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54361-Q1 TI1-TPS54361-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS54361-Q1 4.5-V to 60-V Input, 3.5-A, Step Down DC-DC Converter with Soft-Start and Eco-mode
TPS54361QDPRRQ1 TI1-TPS54361QDPRRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS54361-Q1 4.5-V to 60-V Input, 3.5-A, Step Down DC-DC Converter with Soft-Start and Eco-mode
TPS54361QDPRTQ1 TI1-TPS54361QDPRTQ1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS54361-Q1 4.5-V to 60-V Input, 3.5-A, Step Down DC-DC Converter with Soft-Start and Eco-mode
TPS54361 TI-TPS54361_15 Datasheet
2Mb / 51P
[Old version datasheet]   TPS54361 4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter With Soft-Start and Eco- Mode?
More results

Similar Description - TPS54361DPRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54561 TI1-TPS54561_16 Datasheet
2Mb / 53P
[Old version datasheet]   4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPS54560 TI1-TPS54560_13 Datasheet
1Mb / 43P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560B-Q1 TI1-TPS54560B-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI-TPS54560 Datasheet
1Mb / 39P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com