Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54541 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS54541
Description  4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54541 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54541_16 Datasheet HTML 3Page - Texas Instruments TPS54541_16 Datasheet HTML 4Page - Texas Instruments TPS54541_16 Datasheet HTML 5Page - Texas Instruments TPS54541_16 Datasheet HTML 6Page - Texas Instruments TPS54541_16 Datasheet HTML 7Page - Texas Instruments TPS54541_16 Datasheet HTML 8Page - Texas Instruments TPS54541_16 Datasheet HTML 9Page - Texas Instruments TPS54541_16 Datasheet HTML 10Page - Texas Instruments TPS54541_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
450
460
470
480
490
500
510
520
530
540
550
±50
±25
0
25
50
75
100
125
150
T
J Junction - Temperature (ƒC)
RT = 200 k, VIN = 12 V
C005
R
T = 200 k
, V
IN = 12 V
100
150
200
250
300
350
400
450
500
200
300
400
500
600
700
800
900
1000
RT/CLK - Resistance (k )
C006
6
6.5
7
7.5
8
8.5
9
±50
±25
0
25
50
75
100
125
150
T
J ± Junction Temperature (ƒC)
VIN = 12 V
C003
V
IN = 12 V
6
6.5
7
7.5
8
8.5
9
0
5
10
15
20
25
30
35
40
45
V
I - Input Voltage (V)
±40ƒC
25°C
150°C
C004
0
0.05
0.1
0.15
0.2
0.25
±50
±25
0
25
50
75
100
125
150
T
J ± Junction Temperature (ƒC)
BOOT-SW = 3 V
BOOT-SW = 6 V
C001
0.784
0.789
0.794
0.799
0.804
0.809
0.814
±50
±25
0
25
50
75
100
125
150
T
J ± Junction Temperature (ƒC)
VIN = 12 V
C002
V
IN = 12 V
7
TPS54541
www.ti.com
SLVSC57B – OCTOBER 2013 – REVISED FEBRUARY 2016
Product Folder Links: TPS54541
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
6.8 Typical Characteristics
Figure 1. ON Resistance vs Junction Temperature
Figure 2. Voltage Reference vs Junction Temperature
Figure 3. Switch Current Limit vs Junction Temperature
Figure 4. Switch Current Limit vs Input Voltage
Figure 5. Switching Frequency vs Junction Temperature
Figure 6. Switching Frequency vs RT/CLK Resistance Low
Frequency Range


Similar Part No. - TPS54541_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54541 TI-TPS54541_15 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54541 4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
More results

Similar Description - TPS54541_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54540B TI1-TPS54540B Datasheet
3Mb / 50P
[Old version datasheet]   4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54540 TI-TPS54540 Datasheet
1Mb / 38P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54561 TI1-TPS54561_16 Datasheet
2Mb / 53P
[Old version datasheet]   4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
TPS54540 TI-TPS54540_15 Datasheet
2Mb / 46P
[Old version datasheet]   TPS54540 4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54541 TI1-TPS54541 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com