Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54541DPRR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54541DPRR
Description  4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54541DPRR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54541DPRR Datasheet HTML 5Page - Texas Instruments TPS54541DPRR Datasheet HTML 6Page - Texas Instruments TPS54541DPRR Datasheet HTML 7Page - Texas Instruments TPS54541DPRR Datasheet HTML 8Page - Texas Instruments TPS54541DPRR Datasheet HTML 9Page - Texas Instruments TPS54541DPRR Datasheet HTML 10Page - Texas Instruments TPS54541DPRR Datasheet HTML 11Page - Texas Instruments TPS54541DPRR Datasheet HTML 12Page - Texas Instruments TPS54541DPRR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
70
90
110
130
150
170
190
210
±50
±25
0
25
50
75
100
125
150
T
J ± Junction Temperature (ƒC)
VIN = 12 V
C017
V
IN = 12 V
70
90
110
130
150
170
190
210
0
5
10
15
20
25
30
35
40
45
V
IN - Input Voltage (ƒC)
VIN = 12 V
C018
T
J = 25 °C
0
0.5
1
1.5
2
2.5
3
±50
±25
0
25
50
75
100
125
150
T
J ± Junction Temperature (ƒC)
VIN = 12 V
C015
V
IN = 12 V
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
35
40
45
V
IN - Input Voltage (V)
VIN = 12 V
C016
T
J = 25 °C
±4.5
±4.3
±4.1
±3.9
±3.7
±3.5
±3.3
±3.1
±2.9
±2.7
±2.5
±50
±25
0
25
50
75
100
125
150
T
J ± Junction Temperature (ƒC)
VIN = 12 V
C013
V
IN = 12 V
0.0
25.0
50.0
75.0
100.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
V
SENSE (V)
Vsense Falling
Vsense Falling
C014
V
SENSE Falling
V
SENSE Rising
9
TPS54541
www.ti.com
SLVSC57B – OCTOBER 2013 – REVISED FEBRUARY 2016
Product Folder Links: TPS54541
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 13. EN Pin Current Hysteresis vs Junction
Temperature
Figure 14. Switching Frequency vs FB
Figure 15. Shutdown Supply Current vs Junction
Temperature
Figure 16. Shutdown Supply Current vs Input Voltage (VIN)
Figure 17. VIN Supply Current vs Junction Temperature
Figure 18. VIN Supply Current vs Input Voltage


Similar Part No. - TPS54541DPRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54541DPRR TI1-TPS54541DPRR Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
More results

Similar Description - TPS54541DPRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54540B TI1-TPS54540B Datasheet
3Mb / 50P
[Old version datasheet]   4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54540 TI-TPS54540 Datasheet
1Mb / 38P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54561 TI1-TPS54561_16 Datasheet
2Mb / 53P
[Old version datasheet]   4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
TPS54540 TI-TPS54540_15 Datasheet
2Mb / 46P
[Old version datasheet]   TPS54540 4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54541 TI1-TPS54541 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com