Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61169 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61169
Description  High Current-Boost WLED Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61169 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61169 Datasheet HTML 5Page - Texas Instruments TPS61169 Datasheet HTML 6Page - Texas Instruments TPS61169 Datasheet HTML 7Page - Texas Instruments TPS61169 Datasheet HTML 8Page - Texas Instruments TPS61169 Datasheet HTML 9Page - Texas Instruments TPS61169 Datasheet HTML 10Page - Texas Instruments TPS61169 Datasheet HTML 11Page - Texas Instruments TPS61169 Datasheet HTML 12Page - Texas Instruments TPS61169 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
FB
V
Duty 204 mV
u
FB
LED
SET
V
I
R
9
TPS61169
www.ti.com
SNVSA40A – OCTOBER 2014 – REVISED MARCH 2016
Product Folder Links: TPS61169
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.3 Shutdown
The TPS61169 enters shutdown mode when the CTRL voltage is logic low for more than 2.5 ms. During
shutdown, the input supply current for the device is less than 2
μA (max). Although the internal switch FET does
not switch in shutdown, there is still a DC current path between the input and the LEDs through the inductor and
Schottky diode. The minimum forward voltage of the LED array must exceed the maximum input voltage to
ensure that the LEDs remain off in shutdown.
8.3.4 Current Program
The FB voltage is regulated by a low 204-mV reference voltage. The LED current is programmed externally using
a current-sense resistor in series with the LED string(s). The value of the RSET is calculated using:
where
ILED = total output current of LED string(s)
VFB = regulated voltage of FB pin
RSET = current sense resistor
(1)
The output current tolerance depends on the FB accuracy and the current sensor resistor accuracy.
8.3.5 LED Brightness Dimming
The TPS61169 receives PWM dimming signal at CTRL pin to control the total output current. When the CTRL
pin is constantly high, the FB voltage is regulated to 204 mV typically. When the duty cycle of the input PWM
signal is low, the regulation voltage at FB pin is reduced, and the total output current is reduced; therefore, it
achieves LED brightness dimming. The relationship between the duty cycle and FB regulation voltage is given
by:
where
Duty = Duty cycle of the PWM signal
204 mV = internal reference voltage
(2)
Thus, the user can easily control the WLED brightness by controlling the duty cycle of the PWM signal.
As shown in Figure 3, the IC chops up the internal 204-mV reference voltage at the duty cycle of the PWM
signal. The pulse signal is then filtered by an internal low-pass filter. The output of the filter is connected to the
GM amplifier as the reference voltage for the FB pin regulation. Therefore, although a PWM signal is used for
brightness dimming, only the WLED DC current is modulated, which is often referred as analog dimming. This
eliminates the audible noise which often occurs when the LED current is pulsed in replica of the frequency and
duty cycle of PWM control. Unlike other methods which filter the PWM signal for analog dimming, TPS61169
regulation voltage is independent of the PWM logic voltage level which often has large variations.
For optimum performance, use the PWM dimming frequency in the range of 5 kHz to 100 kHz. If the PWM
frequency is lower than 5 kHz, it is out of the low pass filter's filter range, the FB regulation voltage ripple
becomes large, causing large output ripple and may generate audible noise.


Similar Part No. - TPS61169

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160 TI-TPS61160 Datasheet
557Kb / 21P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160 TI1-TPS61160 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160 Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI-TPS61160A Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160A TI1-TPS61160A Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS61169

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
   Asynchronies Boost WLED Driver
VER 1.1
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
   43V Asynchronous Boost WLED Driver
logo
Global Mixed-mode Techn...
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
logo
Global Mixed-mode Techn...
G5966L GMT-G5966L Datasheet
77Kb / 1P
   Boost WLED Driver for Backlights
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
logo
Shenzhen Huazhimei Semi...
HM2805B HMSEMI-HM2805B Datasheet
1Mb / 16P
   High efficiency constant current limit current WLED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com