Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61177A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61177A
Description  WLED Driver for Notebooks
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61177A Datasheet(HTML) 1 Page - Texas Instruments

  TPS61177A Datasheet HTML 1Page - Texas Instruments TPS61177A Datasheet HTML 2Page - Texas Instruments TPS61177A Datasheet HTML 3Page - Texas Instruments TPS61177A Datasheet HTML 4Page - Texas Instruments TPS61177A Datasheet HTML 5Page - Texas Instruments TPS61177A Datasheet HTML 6Page - Texas Instruments TPS61177A Datasheet HTML 7Page - Texas Instruments TPS61177A Datasheet HTML 8Page - Texas Instruments TPS61177A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
L1
10 H
D1
C2
4.7 F
CS1
CS2
CS3
CS4
VLED
VINB
VCC
ENB
SDA
AGND
SCL
C1
4.7 F
PGND
PWMB
V
IN 2.5 V – 24 V
C4
1 F
R2
10 k
R1
10 k
100 Hz
– 25 KHz
CS5
CS6
LXB
REF
C5
470 nF
V
OUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS61177A
SNVSA76A – MARCH 2015 – REVISED MARCH 2016
TPS61177A WLED Driver for Notebooks With PWM Interface and Mixed Dimming Mode
1
1 Features
1
2.5-V to 24-V Input Voltage Range
39-V Maximum Output Voltage
Integrated 1.8-A, 40-V MOSFET
450-kHz to 1.2-MHz Programmable Switching
Frequency
Adaptive Boost Output to WLED Voltages
100-Hz to 25-kHz Wide Input PWM Dimming
Frequency Range
1% Minimum Dimming Duty Cycle
Small External Components
Integrated Loop Compensation
Six Current Sinks of 30 mA Maximum
1% (Typical) Current Matching
Input PWM Glitch Filter
PWM Brightness Interface Control
Three Optional Dimming Methods, including Direct
PWM Dimming, Analog Dimming, and Analog and
PWM Mixed Dimming
Built-in WLED Open Protection
Thermal Shutdown
2 Applications
Notebook and Tablet LCD Display Backlights
Patient Monitors
Medical Displays
HMI
Test and Measurement Equipment
3 Description
The TPS61177A device provides a highly integrated
white LED (WLED) driver solution for notebook LCD
backlight. This device has a built-in high-efficiency
boost regulator with integrated 1.8-A, 40-V power
MOSFET. The six current sink regulators provide high
precision current regulation and matching. In total, the
device can support up to 72 WLEDs. In addition, the
boost output automatically adjusts its voltage to the
WLED forward voltage to optimize efficiency.
The TPS61177A supports the analog dimming,
analog and PWM dimming, and direct PWM dimming
method. During analog dimming mode, each CS
current linearly varies depending on the duty cycle
information on the PWMB pin. During analog and
PWM mixed dimming mode, the input PWM duty
cycle information is translated to an analog signal to
control the WLED current linearly over 25% to 100%
brightness area. The device also allows adding PWM
dimming when the analog current is down to 25%.
Below 25%, the analog signal translates to PWM duty
cycle information to control the on or off of WLED
current and averages the WLED current down to 1%.
The frequency of adding PWM dimming is same to
input PWM frequency on the PWMB pin. While the
TPS61177A also supports a direct PWM dimming
method, in direct PWM dimming mode the WLED
current is turned on or off, synchronized with the input
PWM signal.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS61177A
VQFN (20)
3.50 mm x 3.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application – Analog and PWM Mixed Mode


Similar Part No. - TPS61177A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61177 TI1-TPS61177 Datasheet
788Kb / 8P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS61177RGRR TI1-TPS61177RGRR Datasheet
788Kb / 8P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
More results

Similar Description - TPS61177A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61185 TI-TPS61185 Datasheet
797Kb / 26P
[Old version datasheet]   WLED Driver for Notebooks with PWM Control Interface
TPS61187 TI1-TPS61187 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Auto Phase Shift
TPS61183 TI-TPS61183_10 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
logo
Texas Instruments
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
TPS61180 TI1-TPS61180_17 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com