Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61177A Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61177A
Description  WLED Driver for Notebooks
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61177A Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61177A Datasheet HTML 6Page - Texas Instruments TPS61177A Datasheet HTML 7Page - Texas Instruments TPS61177A Datasheet HTML 8Page - Texas Instruments TPS61177A Datasheet HTML 9Page - Texas Instruments TPS61177A Datasheet HTML 10Page - Texas Instruments TPS61177A Datasheet HTML 11Page - Texas Instruments TPS61177A Datasheet HTML 12Page - Texas Instruments TPS61177A Datasheet HTML 13Page - Texas Instruments TPS61177A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
VLED Voltage 100mV/div
PWMB Voltage 3V/div
I
Current 50mA/div
OUT
Time (5 ms/div)
CS1 Voltage 4V/div
VLED Voltage 100mV/div
PWMB Voltage 3V/div
I
Current 50mA/div
OUT
Time (50 µs/div)
CS1 Voltage 4V/div
VLED Voltage 100mV/div
PWMB Voltage 3V/div
CS Current 50mA/div
Time (5 ms/div)
CS1 Voltage 1V/div
VLED Voltage 100mV/div
LXB Voltage 10V/div
Inductor Current 300mA/div
Time (1µs/div)
VLED Voltage 100mV/div
LXB Voltage 10V/div
Inductor Current 300mA/div
Time (1µs/div)
0
20
40
60
80
100
120
0
20
40
60
80
100
PWM Duty Cycle (%)
200 Hz
20 kHz
C009
10
TPS61177A
SNVSA76A – MARCH 2015 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS61177A
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Figure 9. Dimming Linearity in Analog Mode
Figure 10. Switch Waveform
Figure 11. Switch Waveform
FDIM = 200 Hz
Duty = 50%
Figure 12. Mixed-Mode PWM Dimming
FDIM = 200 Hz
Duty = 12.5%
Figure 13. Mixed-Mode PWM Dimming
FDIM = 20 kHz
Duty = 12.5%
Figure 14. Mixed-Mode PWM Dimming


Similar Part No. - TPS61177A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61177 TI1-TPS61177 Datasheet
788Kb / 8P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS61177RGRR TI1-TPS61177RGRR Datasheet
788Kb / 8P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
More results

Similar Description - TPS61177A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61185 TI-TPS61185 Datasheet
797Kb / 26P
[Old version datasheet]   WLED Driver for Notebooks with PWM Control Interface
TPS61187 TI1-TPS61187 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Auto Phase Shift
TPS61183 TI-TPS61183_10 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
logo
Texas Instruments
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
TPS61180 TI1-TPS61180_17 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com