Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61253YFFR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61253YFFR
Description  High Efficiency Step-Up Converter In Chip Scale Packaging
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61253YFFR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61253YFFR Datasheet HTML 4Page - Texas Instruments TPS61253YFFR Datasheet HTML 5Page - Texas Instruments TPS61253YFFR Datasheet HTML 6Page - Texas Instruments TPS61253YFFR Datasheet HTML 7Page - Texas Instruments TPS61253YFFR Datasheet HTML 8Page - Texas Instruments TPS61253YFFR Datasheet HTML 9Page - Texas Instruments TPS61253YFFR Datasheet HTML 10Page - Texas Instruments TPS61253YFFR Datasheet HTML 11Page - Texas Instruments TPS61253YFFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
50
55
60
65
70
75
80
85
90
95
100
0.1
1
10
100
1000
I
- Output Current - mA
O
V = 2.5 V
I
V = 2.7 V
I
V = 3 V
I
V = 3.3 V
I
V = 3.6 V
I
V = 4.5 V
I
V
= 5 V (TPS61256)
PFM/PWM Operation
O
50
55
60
65
70
75
80
85
90
95
100
0.1
1
10
100
1000
I
- Output Current - mA
O
V = 4.5 V
I
V = 3.6 V
I
V = 3.3 V
I
V = 3 V
I
V = 2.7 V
I
I = 2.5 V
V
PFM/PWM Operation
V = 4.5 V
O
8
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259, TPS612592
SLVSAG8F – SEPTEMBER 2011 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259 TPS612592
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7.6 Typical Characteristics
Table 1. Table of Graphs
FIGURE
η
Efficiency
vs Output current
Figure 1, Figure 2,
Figure 3, Figure 5
vs Input voltage
Figure 4
VO
DC output voltage
vs Output current
Figure 6, Figure 7,
Figure 8, Figure 9,
Figure 10,
Figure 14
vs Input voltage
Figure 11
IO
Maximum output current
vs Input voltage
Figure 12,
Figure 13
ΔVO
Peak-to-peak output ripple voltage
vs Output current
Figure 15,
Figure 16,
Figure 17
ICC
Supply current
vs Input voltage
Figure 18,
Figure 19
ILIM
DC pre-charge current
vs Differential input-output voltage
Figure 20,
Figure 21
Valley current limit
vs Temperature
Figure 22,
Figure 23
rDS(on)
MOSFET rDS(on)
vs Temperature
Figure 24
Figure 1. Efficiency vs Output Current
Figure 2. Efficiency vs Output Current


Similar Part No. - TPS61253YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61253YFFR TI1-TPS61253YFFR Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61253YFFR TI1-TPS61253YFFR Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
More results

Similar Description - TPS61253YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS81256 TI1-TPS81256_16 Datasheet
4Mb / 27P
[Old version datasheet]   High Efficiency Step-Up Converter In MicroSiP Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com