Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61253YFFT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61253YFFT
Description  High Efficiency Step-Up Converter In Chip Scale Packaging
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61253YFFT Datasheet(HTML) 3 Page - Texas Instruments

  TPS61253YFFT Datasheet HTML 1Page - Texas Instruments TPS61253YFFT Datasheet HTML 2Page - Texas Instruments TPS61253YFFT Datasheet HTML 3Page - Texas Instruments TPS61253YFFT Datasheet HTML 4Page - Texas Instruments TPS61253YFFT Datasheet HTML 5Page - Texas Instruments TPS61253YFFT Datasheet HTML 6Page - Texas Instruments TPS61253YFFT Datasheet HTML 7Page - Texas Instruments TPS61253YFFT Datasheet HTML 8Page - Texas Instruments TPS61253YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
A1
A2
A3
B2
C2
B3
C3
B1
C1
A1
A2
A3
B2
C2
B3
C3
B1
C1
3
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259, TPS612592
www.ti.com
SLVSAG8F – SEPTEMBER 2011 – REVISED MARCH 2016
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259 TPS612592
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
For all available packages, see the orderable addendum at the end of the datasheet.
(2)
Product preview. Contact TI factory for more information
5 Device Options
TA
PART NUMBER(1)
OUTPUT
VOLTAGE
DEVICE
SPECIFIC FEATURES
–40°C to 85°C
TPS61253
5.0 V
Supports 5 V, up to 1500 mA peak loading
down to 3.3 V input voltage
TPS61254
4.5 V
Supports 4.5 V / 800 mA loading
down to 2.65 V input voltage
TPS61255(2)
3.75 V
TPS61256
5.0 V
Supports 5 V / 900 mA loading
down to 3.3 V input voltage
TPS61257(2)
4.3 V
TPS61258
4.5 V
Supports 4.5 V, up to 1500 mA peak loading
down to 3.3 V input voltage
TPS61259
5.1 V
Supports 5.1 V, up to 1500 mA peak loading
down to 3.3 V input voltage
TPS612592
5.2 V
Supports 5.2 V, up to 1500 mA peak loading
down to 3.3 V input voltage
6 Pin Configuration and Functions
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
BP
C3
I
This is the mode selection pin of the device and is only of relevance when the device is disabled
(EN = Low). This pin must not be left floating and must be terminated. Refer to Table 2 for more
details.
BP = Low: The device is in true shutdown mode.
BP = High: The output is biased at the input voltage level with a maximum load current capability of
ca. 150mA. In standby mode, the device only consumes a standby current of 21µA (typ).
EN
B3
I
This is the enable pin of the device. Connecting this pin to ground forces the device into shutdown
mode. Pulling this pin high enables the device. This pin must not be left floating and must be
terminated.
GND
C1, C2
Ground pin.
SW
B1, B2
I/O
This is the switch pin of the converter and is connected to the drain of the internal Power MOSFETs.
VIN
A3
I
Power supply input.
VOUT
A1, A2
O
Boost converter output.


Similar Part No. - TPS61253YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61253YFFT TI1-TPS61253YFFT Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61253YFFT TI1-TPS61253YFFT Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
More results

Similar Description - TPS61253YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS81256 TI1-TPS81256_16 Datasheet
4Mb / 27P
[Old version datasheet]   High Efficiency Step-Up Converter In MicroSiP Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com