Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62480 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62480
Description  2-Phase Step-Down Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62480 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62480 Datasheet HTML 1Page - Texas Instruments TPS62480 Datasheet HTML 2Page - Texas Instruments TPS62480 Datasheet HTML 3Page - Texas Instruments TPS62480 Datasheet HTML 4Page - Texas Instruments TPS62480 Datasheet HTML 5Page - Texas Instruments TPS62480 Datasheet HTML 6Page - Texas Instruments TPS62480 Datasheet HTML 7Page - Texas Instruments TPS62480 Datasheet HTML 8Page - Texas Instruments TPS62480 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
TPS62480
SLVSCL9A – FEBRUARY 2016 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS62480
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings ............................................................ 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 7
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagram ......................................... 8
7.3
Feature Description................................................... 9
7.4
Device Functional Modes........................................ 10
8
Application and Implementation ........................ 12
8.1
Application Information............................................ 12
8.2
Typical Application ................................................. 12
8.3
System Examples .................................................. 25
9
Power Supply Recommendations ...................... 26
10
Layout................................................................... 27
10.1
Layout Guidelines ................................................. 27
10.2
Layout Example .................................................... 27
11
Device and Documentation Support ................. 28
11.1
Third-Party Products Disclaimer ........................... 28
11.2
Community Resources.......................................... 28
11.3
Trademarks ........................................................... 28
11.4
Electrostatic Discharge Caution ............................ 28
11.5
Glossary ................................................................ 28
12
Mechanical, Packaging, and Orderable
Information ........................................................... 28
4 Revision History
Changes from Original (February 2016) to Revision A
Page
Changed RCN Package To: RNC Package in Pin Configuration and Functions................................................................... 3
Changed RCN 16 PINS To: RNC 16 PINS in the Thermal Information table ........................................................................ 4
Changed the Test Conditions for ISD Shutdown Current From: EN = Low (≤ 0.4 V) To: EN = Low (≤ 0.3 V) in the
Electrical Characteristics ........................................................................................................................................................ 5
Changed the VOUT Feedback Voltage Accuracy, MAX value From: 25% To: 2.5% in the Electrical Characteristics ............ 6
Changed TPS62480RCN To: TPS62480RNC in Table 1 .................................................................................................... 13


Similar Part No. - TPS62480

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400 TI-TPS62400 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400 Datasheet
209Kb / 8P
[Old version datasheet]   Power for C5504/05
TPS62400 TI-TPS62400 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Similar Description - TPS62480

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR16020 TI1-LMR16020 Datasheet
161Kb / 9P
[Old version datasheet]   2 A Step-Down Converter
LP8755 TI1-LP8755_14 Datasheet
1Mb / 51P
[Old version datasheet]   Multi-Phase 6-Core Step-Down Converter
logo
SG Micro Corp
SGM6230 SGMICRO-SGM6230 Datasheet
349Kb / 14P
   Step-Down Converter
logo
Richtek Technology Corp...
RT6212C RICHTEK-RT6212C Datasheet
848Kb / 16P
   Step-Down Converter
logo
Semtech Corporation
SC2441 SEMTECH-SC2441 Datasheet
718Kb / 35P
   Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A SEMTECH-SC2441A Datasheet
1Mb / 37P
   1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A SEMTECH-SC2441A_09 Datasheet
1Mb / 37P
   1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
logo
SG Micro Corp
SGM6130 SGMICRO-SGM6130 Datasheet
347Kb / 14P
   Step-Down Converter
logo
Linear Technology
LT3742 LINER-LT3742 Datasheet
283Kb / 24P
   Dual, 2-Phase Step-Down Switching Controller
logo
Maxim Integrated Produc...
MAX16935 MAXIM-MAX16935 Datasheet
1Mb / 17P
   Step-Down Converter
Rev 2; 3/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com