Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65290BMRHFR Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS65290BMRHFR
Description  Low-Quiescent-Current, Multi-Mode PMIC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65290BMRHFR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65290BMRHFR Datasheet HTML 7Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 8Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 9Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 10Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 11Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 12Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 13Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 14Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
0
100
200
300
400
500
600
2.2
2.5
3.0
3.6
4.0
4.5
5.0
Vin(V)
2.2
2.5
3.0
3.6
4.0
4.5
5.0
loading
200
200
300
400
400
200
500
0
200
400
600
Vin(V)
0
100
200
300
400
500
600
2.2
2.5
3.0
3.6
4.0
4.5
5.0
Vin(V)
0
100
200
300
400
500
600
2.2
2.5
3.0
3.6
4.0
4.5
5.0
Vin(V)
4.38
4.40
4.42
4.44
4.46
4.48
4.50
0
50
100
150
200
250
300
350
400
450
500
Io (mA)
2.75
2.76
2.77
2.78
2.79
2.80
2.81
2.82
2.83
0
50
100
150
200
250
300
350
400
450
500
Io (mA)
11
TPS65290
www.ti.com
SLVSBY5C – APRIL 2013 – REVISED MARCH 2016
Product Folder Links: TPS65290
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Typical Characteristics: Buck-Boost (continued)
VI = 3.6 V
VO = 4.5 V
PFM mode
Figure 9. Buck-Boost Load Regulation
Buck-Boost Loading
TA = 85°C
VBB < 4.5 V
VI = 3.6 V
VO = 2.8 V
PFM mode
Figure 10. Buck-Boost Load Regulation
TA = 25°C
VBB > 4.5 V
Figure 11. Buck-Boost Loading
TA = 85°C
VBB > 4.5 V
Figure 12. Buck-Boost Loading
TA = –10°C
VBB > 4.5 V
Figure 13. Buck-Boost Loading
TA = –40°C
VBB > 4.5 V
Figure 14. Buck-Boost Loading


Similar Part No. - TPS65290BMRHFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65290BMRHFR TI-TPS65290BMRHFR Datasheet
4Mb / 59P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED
More results

Similar Description - TPS65290BMRHFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65290 TI-TPS65290 Datasheet
4Mb / 59P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED
logo
Dialog Semiconductor
DA9070 DIALOG-DA9070 Datasheet
2Mb / 130P
   Ultra-Low Quiescent Current PMIC
DA9072 DIALOG-DA9072 Datasheet
2Mb / 113P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9073 RENESAS-DA9073 Datasheet
3Mb / 131P
   Ultra-Low Quiescent Current PMIC
13-Oct-2020
logo
Dialog Semiconductor
DA9073 DIALOG-DA9073 Datasheet
3Mb / 130P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9070 RENESAS-DA9070 Datasheet
3Mb / 133P
   Ultra-Low Quiescent Current PMIC
21-Feb-2022
DA9072 RENESAS-DA9072 Datasheet
2Mb / 115P
   Ultra-Low Quiescent Current PMIC
21-Feb-2022
logo
Texas Instruments
TPS65290 TI1-TPS65290_14 Datasheet
4Mb / 60P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED, ENERGY HARVESTING APPLICATIONS
logo
Maxim Integrated Produc...
MAX20310 MAXIM-MAX20310 Datasheet
849Kb / 30P
   Ultra-Low Quiescent Current PMIC with SIMO Buck-Boost for Wearable Applications
Rev 2; 3/18
logo
STMicroelectronics
L5150BN STMICROELECTRONICS-L5150BN Datasheet
457Kb / 20P
   Low quiescent current
June 2015 Rev 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com