Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS560200DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS560200DBVT
Description  4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS560200DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS560200DBVT Datasheet HTML 1Page - Texas Instruments TPS560200DBVT Datasheet HTML 2Page - Texas Instruments TPS560200DBVT Datasheet HTML 3Page - Texas Instruments TPS560200DBVT Datasheet HTML 4Page - Texas Instruments TPS560200DBVT Datasheet HTML 5Page - Texas Instruments TPS560200DBVT Datasheet HTML 6Page - Texas Instruments TPS560200DBVT Datasheet HTML 7Page - Texas Instruments TPS560200DBVT Datasheet HTML 8Page - Texas Instruments TPS560200DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
TPS560200
SLVSC81C – SEPTEMBER 2013 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS560200
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Input voltage
VIN
–0.3
20
V
EN
–0.3
7
VSENSE
–0.3
3
Output voltage
PH
–0.6
20
PH 10-ns transient
–2
20
Source current
EN
±100
µA
PH
Current limit
A
Sink current
PH
Current limit
A
Operating junction temperature
–40
125
°C
Storage temperature, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI
Input voltage range
4.5
17
V
TJ
Operating junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPS560200
UNIT
DBV
5 Pins
RθJA
Junction-to-ambient thermal resistance
166.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
100
RθJB
Junction-to-board thermal resistance
75.5
ψJT
Junction-to-top characterization parameter
29.2
ψJB
Junction-to-board characterization parameter
3.7
RθJC(bot)
Junction-to-case (bottom) thermal resistance
28.7
6.5 Electrical Characteristics
TJ = –40°C to 125°C, VIN = 4.5 V to 17 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
VIN Operating input voltage
4.5
17
V
VIN Internal UVLO threshold
VIN Rising
3.9
4.35
4.5
V
VIN Internal UVLO hysteresis
200
mV


Similar Part No. - TPS560200DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS560200DBVT TI1-TPS560200DBVT Datasheet
950Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converte rwith Advanced Eco-mode
TPS560200DBVT TI-TPS560200DBVT Datasheet
912Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converter with Advanced Eco-mode
More results

Similar Description - TPS560200DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS560200-Q1 TI1-TPS560200-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS560200 TI-TPS560200_15 Datasheet
939Kb / 22P
[Old version datasheet]   TPS560200 4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-Mode?
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com