Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS659118A2ZRCR Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS659118A2ZRCR
Description  Integrated Power Management Unit Top Specification
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS659118A2ZRCR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS659118A2ZRCR Datasheet HTML 7Page - Texas Instruments TPS659118A2ZRCR Datasheet HTML 8Page - Texas Instruments TPS659118A2ZRCR Datasheet HTML 9Page - Texas Instruments TPS659118A2ZRCR Datasheet HTML 10Page - Texas Instruments TPS659118A2ZRCR Datasheet HTML 11Page - Texas Instruments TPS659118A2ZRCR Datasheet HTML 12Page - Texas Instruments TPS659118A2ZRCR Datasheet HTML 13Page - Texas Instruments TPS659118A2ZRCR Datasheet HTML 14Page - Texas Instruments TPS659118A2ZRCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 119 page
background image
11
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
I/O supplied from VRTC, but can be driven from VCC7 or to VCC7 voltage level.
(3)
Input supplied from VRTC, but can be driven from VCC7 voltage level.
5
Specifications
5.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage range on
pins or balls
VCC1, VCC2, VCCIO, VCC3, VCC4, VCC5, VCC7, VBACKUP,
V5IN, TRIP
–0.3
7
V
VCC6
–0.3
3.6
VDDIO
–0.3
3.6
VBST
–0.3
37
SW
–5
30
SW1, SW2, SWIO
–0.3
7
VFB1, VFB2, VFBIO
–0.3
3.6
VOUT, VFB
–0.3
7
OSC32KIN, OSC32KOUT, BOOT1
–0.3
VRTCMAX + 0.3
SDA_SDI, SCL_SCK, EN2, EN1, SLEEP, INT1, CLK32KOUT,
NRESPWRON
–0.3
VDDIOMAX + 0.3
PWRON
–0.3
7
PWRHOLD, GPIO0
–0.3
7
Voltage range on
balls
GPIO1, GPIO2, GPIO3, GPIO4, GPIO5, GPIO6, GPIO7, GPIO8(2)
–0.3
7
V
HDRST
–0.3
7
NRESPWRON2(2)
–0.3
7
PWRDN(3)
–0.3
7
VCCS
–0.3
7
Peak output current on all other terminals than power resources
–5.0
5.0
mA
Functional junction temperature
–45
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 statues that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP155 statues that 250-V HBM allows safe manufacturing with a standard ESD control process.
5.2
ESD Ratings
VALUE
UNIT
VESD
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS001(1)
±2000
V
Charged device model (CDM), per JESD22-C101(2)
All pins
±500


Similar Part No. - TPS659118A2ZRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS659118A2ZRCR TI1-TPS659118A2ZRCR Datasheet
2Mb / 143P
[Old version datasheet]   Integrated Power Management Unit Top Specification
More results

Similar Description - TPS659118A2ZRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65910 TI1-TPS65910 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910 TI1-TPS65910_13 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910 TI1-TPS65910_14 Datasheet
1Mb / 97P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI1-TPS65911 Datasheet
2Mb / 143P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V02 Datasheet
2Mb / 143P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V03 Datasheet
2Mb / 144P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
AUGUST 2018
TPS65911 TI-TPS65911_V01 Datasheet
2Mb / 142P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V04 Datasheet
2Mb / 145P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
REVISED AUGUST 2018
TPS659119-Q1 TI1-TPS659119-Q1 Datasheet
1Mb / 132P
[Old version datasheet]   Automotive Integrated Power-Management Unit
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com