Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4-1462000-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 4-1462000-1
Description  2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1462000-1 Datasheet(HTML) 3 Page - Tyco Electronics

  4-1462000-1 Datasheet HTML 1Page - Tyco Electronics 4-1462000-1 Datasheet HTML 2Page - Tyco Electronics 4-1462000-1 Datasheet HTML 3Page - Tyco Electronics 4-1462000-1 Datasheet HTML 4Page - Tyco Electronics 4-1462000-1 Datasheet HTML 5Page - Tyco Electronics 4-1462000-1 Datasheet HTML 6Page - Tyco Electronics 4-1462000-1 Datasheet HTML 7Page - Tyco Electronics 4-1462000-1 Datasheet HTML 8Page - Tyco Electronics 4-1462000-1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MT2 Relay
THT Version
Basic grid 2.54 mm
Mounting hole layout
View onto the component side of the PCB
(top view)
Terminal assignment
Relay - top view
non-latching 1 coil
release condition
THT
mm
inch
L
20.2 + 0.05/-0.02 0.795 + 0.002/-0.0008
W
10 + 0.05/-0.02 0.393 + 0.002/-0.0008
H
11+0.1/-0.2
0.433 + 0.004/-0.008
T
3.1 ± 0.3
0.122 ± 0.011
T1
N/A
N/A
T2
7.62 ± 0.15
0.3 ± 0.005
S
0.55
0.021
Tw 0.5
0.020
Dimension
Page 3 (9)
108-98006 Rev. C


Similar Part No. - 4-1462000-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-1462000-1 MACOM-4-1462000-1 Datasheet
488Kb / 9P
   MT2 Relay
4-1462000-1 MACOM-4-1462000-1 Datasheet
488Kb / 9P
   The Best Relaytion
More results

Similar Description - 4-1462000-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
   2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
V23101-D0101-A201 MACOM-V23101-D0101-A201 Datasheet
1Mb / 13P
   1 pole PCB relay, non-polarized
logo
Fujitsu Component Limit...
JSL FUJITSU-JSL Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL FUJITSU-JSL_11 Datasheet
387Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
Tyco Electronics
FCA-150 MACOM-FCA-150 Datasheet
374Kb / 6P
   Non-latching relay
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
DB Lectro Inc
CN1A100KC DBLECTRO-CN1A100KC Datasheet
526Kb / 13P
   CHIP TYPE, NON-POLARIZED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com