Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22925BYPHT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22925BYPHT
Description  3.6-V, 3-A, 9Ohm On-Resistance Load Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22925BYPHT Datasheet(HTML) 4 Page - Texas Instruments

  TPS22925BYPHT Datasheet HTML 1Page - Texas Instruments TPS22925BYPHT Datasheet HTML 2Page - Texas Instruments TPS22925BYPHT Datasheet HTML 3Page - Texas Instruments TPS22925BYPHT Datasheet HTML 4Page - Texas Instruments TPS22925BYPHT Datasheet HTML 5Page - Texas Instruments TPS22925BYPHT Datasheet HTML 6Page - Texas Instruments TPS22925BYPHT Datasheet HTML 7Page - Texas Instruments TPS22925BYPHT Datasheet HTML 8Page - Texas Instruments TPS22925BYPHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
TPS22925
SLVS840C – NOVEMBER 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS22925
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free–air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage
VIN, ON
–0.3
4
V
Output voltage
VOUT
–0.3
4
V
Maximum continuous switch current at TA = 60°C IMAX
3
A
Maximum pulsed switch current, 100–
μs pulse,
2% duty cycle
IPLS
4
A
Junction temperature, TJ
125
°C
Storage temperature range, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500–V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500–V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250–V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250–V CDM is possible with the necessary precautions.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human–body model (HBM), per ANSI/ESDA/JEDEC JS–001(1)
±1000
V
Charged–device model (CDM), per JEDEC specification JESD22–C101(2)
±500
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input voltage
0.65
3.6
V
VOUT
Output voltage
0
3.6
V
VIH
High–level input voltage, ON
0.9
3.6
V
VIL
Low–level input voltage, ON
0
0.45
V
CIN
Input capacitance
1
µF
TA
Operating free–air temperature
–40
105
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TPS22925xx
UNIT
YPH (DSBGA)
6 PINS
RθJA
Junction–to–ambient thermal resistance
110.9
°C/W
RθJC(top)
Junction–to–case (top) thermal resistance
1.2
°C/W
RθJB
Junction–to–board thermal resistance
30.4
°C/W
ψJT
Junction–to–top characterization parameter
0.8
°C/W
ψJB
Junction–to–board characterization parameter
30.4
°C/W


Similar Part No. - TPS22925BYPHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22920 TI1-TPS22920 Datasheet
353Kb / 16P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920 TI1-TPS22920 Datasheet
878Kb / 21P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920L TI1-TPS22920L Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
More results

Similar Description - TPS22925BYPHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22971 TI1-TPS22971 Datasheet
427Kb / 20P
[Old version datasheet]   3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
[Old version datasheet]   On-Resistance Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
[Old version datasheet]   5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
[Old version datasheet]   TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com