Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22930A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22930A
Description  Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22930A Datasheet(HTML) 4 Page - Texas Instruments

  TPS22930A Datasheet HTML 1Page - Texas Instruments TPS22930A Datasheet HTML 2Page - Texas Instruments TPS22930A Datasheet HTML 3Page - Texas Instruments TPS22930A Datasheet HTML 4Page - Texas Instruments TPS22930A Datasheet HTML 5Page - Texas Instruments TPS22930A Datasheet HTML 6Page - Texas Instruments TPS22930A Datasheet HTML 7Page - Texas Instruments TPS22930A Datasheet HTML 8Page - Texas Instruments TPS22930A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
TPS22930
SLVSBL3B – NOVEMBER 2012 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS22930
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000
(1)
Refer to Application Information section.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input voltage range
1.4
5.5
V
VON
ON voltage range
0
5.5
V
VOUT
Output voltage range
0
VIN
V
VIH
High-level input voltage, ON
VIN = 3.61 V to 5.5 V
1.1
5.5
V
VIN = 1.4 V to 3.6V
1.1
5.5
VIL
Low-level input voltage, ON
VIN = 3.61 V to 5.5 V
0
0.6
V
VIN = 1.4 V to 3.6 V
0
0.4
CIN
Input capacitor
1(1)
µF
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TPS22930
UNIT
YZV (DSBGA)
4 PINS
RθJA
Junction-to-ambient thermal resistance
189.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1.9
°C/W
RθJB
Junction-to-board thermal resistance
36.8
°C/W
ψJT
Junction-to-top characterization parameter
11.3
°C/W
ψJB
Junction-to-board characterization parameter
36.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W


Similar Part No. - TPS22930A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22930AYZVR TI-TPS22930AYZVR Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
TPS22930AYZVT TI-TPS22930AYZVT Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
More results

Similar Description - TPS22930A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22912 TI1-TPS22912 Datasheet
744Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
APE8991A A-POWER-APE8991A Datasheet
1Mb / 11P
   ULTRA- LOW ON RESISTANCE, 4A LOAD SWITCH WITH CONTROLLED TURN-ON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com