Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCLG30KV-100MA Datasheet(PDF) 1 Page - Anshan Suly Electronics

Part # SCLG30KV-100MA
Description  High voltage rectifier diodes 2CLG30KV/100mA Series adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANSHAN [Anshan Suly Electronics]
Direct Link  http://www.hvdiode.com/
Logo ANSHAN - Anshan Suly Electronics

SCLG30KV-100MA Datasheet(HTML) 1 Page - Anshan Suly Electronics

  SCLG30KV-100MA Datasheet HTML 1Page - Anshan Suly Electronics SCLG30KV-100MA Datasheet HTML 2Page - Anshan Suly Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Anshan
Anshan
Anshan
Anshan
Suly
Suly
Suly
Suly
Electronics
Electronics
Electronics
Electronics
Co.,
Co.,
Co.,
Co.,
Ltd.
Ltd.
Ltd.
Ltd.
ANSHAN SULY ELECTRONICS CO., LTD.
Website: www.hvdiode.com
Tel: +86-412-8220288
Fax: +86-412-8223397
2CLG30KV/100mA
2CLG30KV/100mA
2CLG30KV/100mA
2CLG30KV/100mA
Products
Products
Products
Products
Data
Data
Data
Data
High voltage rectifier diodes 2CLG30KV/100mA Series adopts high reliable mesa structure and diffusion craftwork,
epoxy resin molded in a compact structure.
■ Maximum
Maximum
Maximum
Maximum
Ratings
Ratings
Ratings
Ratings
■ Electrical
Electrical
Electrical
Electrical
Characteristics
Characteristics
Characteristics
Characteristics
Item
Symbol
Conditions
2CLG
2CLG
2CLG
2CLG
Unit
30KV/100mA
30KV/100mA
30KV/100mA
30KV/100mA
Repetitive Peak Reverse Voltage
VRRM
Ta=25℃
IR=2μA
30
kV
Average Forward Current
IO
100
mA
Surge Forward Current
IFSM
(50Hz Half-sine Wave , Resistance
load @Tbreak=50℃)
10
A
Operating Junction Temperature
Tj
Halfsine wave peak voltage
-40—+150
Operating Ambient Temperature
Tc
100
Storage Temperature
Tstg
-40—+120
Rated Value
Sign
Condition
2CLG
2CLG
2CLG
2CLG
Unit
30KV/100mA
30KV/100mA
30KV/100mA
30KV/100mA
Forward Peak Voltage Max
(Reference Value)
VF
III
I
F
F
F
F
=100mA
=100mA
=100mA
=100mA
40
40
40
40
40
V
Reverse Recovery Time Max
Trr
100
nS
Peak Reverse Current
(Reference Value)
IR1
VR=VRRM ,25℃
2.0
μA
IR2
VR=VRRM ,100℃
5.0
μA
■ Feature
Feature
Feature
Feature
 Avalanche characteristic
 More sizes to choose
 Epoxy resin molded in vacuum, have
anticorrosion in the surface
 Operating Junction Temperature Tj: -
40℃—+150℃
■ Application
Application
Application
Application
High voltage rectifier used in electrostatic
cleaning
High voltage generator
High voltage testing equipment
General purpose high voltage rectifier, voltage
multiplier assembly


Similar Part No. - SCLG30KV-100MA

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SCL EXAR-SCL Datasheet
1Mb / 29P
   Quad Channel Digital PWM/PFM Programmable Power Management System
logo
SYNERGY MICROWAVE CORPO...
SCL-1D-BD SYNERGY-SCL-1D-BD Datasheet
330Kb / 3P
   Bi-directional coupler
logo
Sumida Corporation
SCL-2M2012-121JT SUMIDA-SCL-2M2012-121JT Datasheet
410Kb / 3P
   Multilayer Chip Common Mode Filter
SCL-2M2012-181JT SUMIDA-SCL-2M2012-181JT Datasheet
410Kb / 3P
   Multilayer Chip Common Mode Filter
SCL-2M2012-221JT SUMIDA-SCL-2M2012-221JT Datasheet
410Kb / 3P
   Multilayer Chip Common Mode Filter
More results

Similar Description - SCLG30KV-100MA

ManufacturerPart #DatasheetDescription
logo
Anshan Suly Electronics
2CLG30KV-200MA ANSHAN-2CLG30KV-200MA Datasheet
361Kb / 3P
   High voltage rectifier diodes 2CLG30KV/200mA Series adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
2CL24KV-100MA ANSHAN-2CL24KV-100MA Datasheet
192Kb / 3P
   High voltage rectifier diodes 2CL24KV/100mA Series adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
2CL60KV-100MA ANSHAN-2CL60KV-100MA Datasheet
185Kb / 2P
   High voltage rectifier diodes 2CL60KV/100mA Series adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
2CL15KV-100MA ANSHAN-2CL15KV-100MA Datasheet
195Kb / 3P
   High voltage rectifier diodes 2CL15KV/100mA Series adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure
2CL10KV-100MA ANSHAN-2CL10KV-100MA Datasheet
193Kb / 3P
   High voltage rectifier diodes 2CL10KV/100mA Series adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QLG5-400KV-2.5A ANSHAN-QLG5-400KV-2.5A Datasheet
165Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QLG5-500KV-1.0A ANSHAN-QLG5-500KV-1.0A Datasheet
164Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
H.QL5-400KV-2.0A ANSHAN-H.QL5-400KV-2.0A Datasheet
201Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
H.QLG5-500KV-0.5A ANSHAN-H.QLG5-500KV-0.5A Datasheet
220Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QL5-500KV-0.1A ANSHAN-3QL5-500KV-0.1A Datasheet
163Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com