Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

3QLG5-500KV-0.05A Datasheet(HTML) 1 Page - Anshan Suly Electronics

Part No. 3QLG5-500KV-0.05A
Description  High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANSHAN [Anshan Suly Electronics]
Homepage  http://www.hvdiode.com/
Logo 

3QLG5-500KV-0.05A Datasheet(HTML) 1 Page - Anshan Suly Electronics

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 2 page
background image
鞍山术立 电 子有限公 司
ANSHAN SULY ELECTRONICS CO., LTD.
Website: www.hvdiode.cn
TEL:0412-8227797
E-Mail: sales@hvdiode.com
www.hvdiode.com
FAX:0412-8223397
E-Mail: support@hvdiode.com
3QLG5~500KV/0.05A 型高压硅堆采用高可靠性的台面结构及扩散工艺,环氧树脂真空灌注成密闭的封装外形。
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact
structure.
极限值(绝对最大额定值)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Conditions
数值
Voltage
反向重复峰值电压(单臂
Single Arm)
Repetitive Peak Reverse Voltage
VRRM
KV
Ta=25
I
R=1.0μA
5~500.0
反向工作峰值电压(单臂
Single Arm)
Peak Working Revere Voltage
VRWM
KV
Ta=25
I
R=1.0μA
5~500.0
反向不重复峰值电压(单臂
Single Arm)
Non-Repetitive Peak Reverse Voltage
VRsM
KV
Ta=25
I
R=1.0μA
6~600.0
正向平均电流
Average Forward Current
IF(AV)
A
正弦半波
50KHz,电阻负载,Tbreak=50℃
50KHz Half-sine Wave , Resistance load
@Tbreak=50℃)
0.05
反向恢复时间
Reverse Recovery Time
trr
nS
IF=50mA IR=100mA IRR=25mA
80/100
正向
(不重复)浪涌电流
Surge Forward Current
IFSM
A
正弦半波持续时间
0.01S 50Hz
0.01S @ Half-Sine wave 50Hz
5.0
工作环境温度
Operating Ambient Temperature
Ta
-40~
+125
存贮温度
Storage Temperature
T stg
-40~
+125
电特性(Ta=25℃ 除非另有规定)
正向峰值电压(单臂
Single Arm)
Forward Peak Voltage
VFM
V
@ Ta=25
I
F=0.02A
7.5~750.0
IRRM1
μA
@ Ta=25
V
RM=VRRM
5.0
反向峰值电流
Peak Reverse Current
IRRM2
μA
@ Ta=100
V
RM=VRRM
50.0
■ 特点 Feature
雪崩特性 Avalanche characteristic
更多的外形尺寸可选 More sizes to choose
采用环氧树脂真空封装,表面具有抗腐蚀性 epoxy
resin molded in vacuum, have anticorrosion in the surface
工作结温
-40℃—+150℃ Tj: -40℃—+150℃
■ 应用 Application
静电除尘用高压整流 High voltage rectifier used in
electrostatic cleaning
高压发生器
High voltage generator
高压测试装置 High voltage testing equipment
一般高压电源整流,倍压装置 General purpose high
voltage rectifier, voltage multiplier assembly


Html Pages

1  2 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn