Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1E-SL-DC24V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # DS1E-SL-DC24V
Description  HIGHLY SENSITIVE 1500 V FCC SURGE WITHSTANDING MINIATURE RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DS1E-SL-DC24V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  DS1E-SL-DC24V Datasheet HTML 1Page - Nais(Matsushita Electric Works) DS1E-SL-DC24V Datasheet HTML 2Page - Nais(Matsushita Electric Works) DS1E-SL-DC24V Datasheet HTML 3Page - Nais(Matsushita Electric Works) DS1E-SL-DC24V Datasheet HTML 4Page - Nais(Matsushita Electric Works) DS1E-SL-DC24V Datasheet HTML 5Page - Nais(Matsushita Electric Works) DS1E-SL-DC24V Datasheet HTML 6Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
186
DS-RELAYS
HIGHLY SENSITIVE 1500 V
FCC SURGE WITHSTANDING
MINIATURE RELAY
TESTING
DS4E
35.24
1.387
9.9
.390
9.8
.386
DS1E
15
.590
9.9
.390
9.8
.386
DS2E
20
.787
9.9
.390
9.8
.386
FEATURES
• High sensitivity: 200 mW pick-up power
100 mW pick-up power types available
• Latching types available
• High switching capacity: 60 W, 125 V A
• High breakdown voltage: 1,500 V FCC surge between open contacts
1,000 V AC between open contacts
• DIP-1C type can be used with 14 pin IC socket
2C type can be used with 16 pin IC socket,
4C type can be used with 2 sets of 14 pin IC sockets
• Gold-cap silver palladium types available for 2 Form C type
• Bifurcated contacts are standard
SPECIFICATIONS
Contact
* Gold capped silver-palladium contact also available for 2 Form C 107 operations at
0.1 A 50 V DC resistive
Coil (polarized) (at 20
°C 68°F)
* For 1 Form C high sensitive types.
Characteristics (at 20
°C 68°F)
Arrangement
1 Form C, 2 Form C, 4 Form C
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
50 m
Contact material
Gold-clad sliver
Rating
(resistive)
Max. switching power
60 W, 125 VA
Max. switching voltage
220 V DC, 250 V AC
Max. switching current
2 A DC, AC
Max. carrying current
3 A DC, AC
Expected
life (min.
operations)
Mechanical
(at 600 cpm)
108
(1 Form C 2 coil latching type: 107)
Electrical
2 A 30 VDC resistive
5
×105
M
type
Single
side
stable
Minimum operating power
Approx. 200 mW
Nominal operating power
Approx. 400 mW
1 coil
latching
Minimum set and reset power
Approx. 90 mW
Nominal set and reset power
Approx. 180 mW
2 coil
latching
Minimum set and reset power
Approx. 180 mW
Nominal set and reset power
Approx. 360 mW
S
type
Single
side
stable
Minimum operating power
Approx. 100 mW (128 mW)*
Nominal operating power
Approx. 200 mW
1 coil
latching
Minimum set and reset power
Approx. 45 mW (58 mW)*
Nominal set and reset power
Approx. 90 mW
2 coil
latching
Minimum set and reset power
Approx. 90 mW (115 mW)*
Nominal set and reset power
Approx. 180 mW
Max. operating speed
20 cpm at rated load
50 cps at low level load
Initial insuration resistance*1
Min. 100 M
Ω (at 500 V DC)
Initial
break-
down volt-
age*2
Type of relay
(DS1-S type)
(Other types)
Between open contacts
500 Vrms
1,000 Vrms
Between contacts sets
1,000 Vrms
Between contacts and coil
1,000 Vrms
1,500 Vrms
FCC surge voltage between contacts
and coil
1,500 V (Expect DS1-S type)
Operate time*3 (at nominal voltage)
Approx. 3 ms
Release time (without diode)*3 (at
nominal voltage)
Approx. 2 ms
Set time*3 (at nominal voltage)
Approx. 3 ms
Reset time*3 (at nominal voltage)
Approx. 3 ms
Temperature rise
(at nominal voltage, Contact current: 2A)
Max. 65
°C
Shock resistance
Functional*4
1C, 2C:Min. 490 m/s2 {50 G}
4C:Min. 294 m/s2 {30 G}
Destructive*5
Min. 980 m/s2 {100 G}
Vibration resistance
Functional*6
10 to 55 Hz
at double amplitude of 3.3 mm
Destructive
10 to 55 Hz
at double amplitude of 5 mm
Conditions for operation,
transport and storage*7
(Not freezing and condens-
ing at low temperature)
Ambient
temp.
–40
°C to +70°C
–40
°F to +158°F
Humidity
5 to 85% R.H.
Unit weight
1 Form C
Approx. 3.2g .11oz
2 Form C
Approx. 4g .14oz
4 Form C
Approx. 7g .25oz
FCC (Federal Communication Commission) re-
quests following standard as Breakdown Voltage
specification.
10
µs
1500V
750V
160
µs
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage" section
*2 Detection current: 10 mA
*3 Excluding contact bounce time
*4 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*5 Half-wave pulse of sine wave: 6ms
*6 Detection time: 10
µs
*7 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61)
mm inch


Similar Part No. - DS1E-SL-DC24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DS1E-SL2-DC1.5V PANASONIC-DS1E-SL2-DC1.5V Datasheet
92Kb / 6P
   High Reliability Relay for Various Applications
DS1E-SL2-DC1.5V PANASONIC-DS1E-SL2-DC1.5V Datasheet
333Kb / 7P
   HIGHLY SENSITIVE 1500 V FCC SURGE BREAKDOWN VOLTAGE MINIATURE RELAY
August 31,2009
DS1E-SL2-DC12V PANASONIC-DS1E-SL2-DC12V Datasheet
92Kb / 6P
   High Reliability Relay for Various Applications
DS1E-SL2-DC12V PANASONIC-DS1E-SL2-DC12V Datasheet
333Kb / 7P
   HIGHLY SENSITIVE 1500 V FCC SURGE BREAKDOWN VOLTAGE MINIATURE RELAY
August 31,2009
DS1E-SL2-DC24V PANASONIC-DS1E-SL2-DC24V Datasheet
92Kb / 6P
   High Reliability Relay for Various Applications
More results

Similar Description - DS1E-SL-DC24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AG252944 PANASONIC-AG252944 Datasheet
333Kb / 7P
   HIGHLY SENSITIVE 1500 V FCC SURGE BREAKDOWN VOLTAGE MINIATURE RELAY
August 31,2009
logo
Nais(Matsushita Electri...
DS2YE-S-DC5V NAIS-DS2YE-S-DC5V Datasheet
317Kb / 3P
   2 FORM C-200 mW SENSITIVE MINIATURE RELAY 1500 V FCC SURGE WITHSTAND
logo
Omron Electronics LLC
G5V1 OMRON-G5V1 Datasheet
314Kb / 4P
   Ultra-miniature, Highly Sensitive SPDT Relay for Signal Circuits
logo
MERITEK ELECTRONICS COR...
CRSW MERITEK-CRSW Datasheet
605Kb / 4P
   Surge Withstanding Chip Resistor
logo
New Jersey Semi-Conduct...
X0402MF NJSEMI-X0402MF Datasheet
82Kb / 1P
   Highly sensitive triggering levels
X0405MF NJSEMI-X0405MF Datasheet
47Kb / 1P
   Highly sensitive triggering levels
logo
Stackpole Electronics, ...
RPCA SEI-RPCA Datasheet
824Kb / 13P
   Automotive Grade Surge Withstanding Chip Resistor
8/11/2022
logo
ZETTLER Electronics
AZ6951 ZETTLER-AZ6951 Datasheet
381Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
List of Unclassifed Man...
AZ699 ETC-AZ699 Datasheet
128Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ695 ETC1-AZ695 Datasheet
45Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com