Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9971GP-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP9971GP-HF
Description  Simple Drive Requirement
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9971GP-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP9971GP-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9971GP-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9971GP-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9971GP-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9971GP-HF Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Low On-resistance
BVDSS
60V
▼ Simple Drive Requirement
RDS(ON)
36mΩ
▼ Surface Mount Package
ID
25A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
W/℃
TSTG
TJ
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
3.2
/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
62
/W
Data and specifications subject to change without notice
201508066
Halogen-Free Product
1
-55 to 150
-55 to 150
Drain-Source Voltage
60
Gate-Source Voltage
+20
Drain Current, VGS @ 10V
25
Parameter
Rating
AP9971GP-HF
Drain Current, VGS @ 10V
16
Linear Derating Factor
0.31
Pulsed Drain Current
1
80
Total Power Dissipation
39
Thermal Data
Parameter
Storage Temperature Range
Operating Junction Temperature Range
G
D
S
G
D
S
TO-220(P)
AP9971 series are from Advanced Power innovated design and
silicon process technology to achieve the lowest possible on-
resistance and fast switching performance. It provides the designer
with an extreme efficient device for use in a wide range of power
applications.
The TO-220 package is widely preferred for all commercial-
industrial through hole applications. The low thermal resistance and
low package cost contribute to the worldwide popular package.
.


Similar Part No. - AP9971GP-HF

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AP9971GP VBSEMI-AP9971GP Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - AP9971GP-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, Simple Drive Requirement
AP2301AGN-HF A-POWER-AP2301AGN-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP95T10AGR-HF A-POWER-AP95T10AGR-HF_14 Datasheet
53Kb / 4P
   Simple Drive Requirement
AP95T11GI-HF A-POWER-AP95T11GI-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP98T03GW-HF A-POWER-AP98T03GW-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP99LT06GI-HF A-POWER-AP99LT06GI-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP99LT06GP-HF A-POWER-AP99LT06GP-HF_14 Datasheet
57Kb / 4P
   Simple Drive Requirement
AP0704GMT-HF A-POWER-AP0704GMT-HF_14 Datasheet
99Kb / 4P
   Simple Drive Requirement
AP0904GJB-HF A-POWER-AP0904GJB-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP2301GN-HF A-POWER-AP2301GN-HF_14 Datasheet
102Kb / 4P
   Simple Drive Requirement
AP2303GN-HF A-POWER-AP2303GN-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com