Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9974GJ-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP9974GJ-HF
Description  Simple Drive Requirement
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9974GJ-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP9974GJ-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9974GJ-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9974GJ-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9974GJ-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9974GJ-HF Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AP9974GH/J-HF
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Qrr
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
4
Q
VG
4.5V
QGS
QGD
QG
Charge
0
2
4
6
8
10
12
0
2040
6080
100
Q G , Total Gate Charge (nC)
I D =30 A
V DS =30 V
V DS =38 V
V DS =48 V
100
1000
10000
1
5
9
13
17
21
25
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.1
1
10
100
1000
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
100us
1ms
10ms
100ms
DC
T C =25
o C
Single Pulse
0
20
40
60
80
100
02
46
8
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =5V
Operation in this area
limited by RDS(ON)


Similar Part No. - AP9974GJ-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9974GJ-HF A-POWER-AP9974GJ-HF Datasheet
106Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9974GJ-HF A-POWER-AP9974GJ-HF_14 Datasheet
106Kb / 4P
   Single Drive Requirement
More results

Similar Description - AP9974GJ-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, Simple Drive Requirement
AP2301AGN-HF A-POWER-AP2301AGN-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP95T10AGR-HF A-POWER-AP95T10AGR-HF_14 Datasheet
53Kb / 4P
   Simple Drive Requirement
AP95T11GI-HF A-POWER-AP95T11GI-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP98T03GW-HF A-POWER-AP98T03GW-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP99LT06GI-HF A-POWER-AP99LT06GI-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP99LT06GP-HF A-POWER-AP99LT06GP-HF_14 Datasheet
57Kb / 4P
   Simple Drive Requirement
AP0704GMT-HF A-POWER-AP0704GMT-HF_14 Datasheet
99Kb / 4P
   Simple Drive Requirement
AP0904GJB-HF A-POWER-AP0904GJB-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP2301GN-HF A-POWER-AP2301GN-HF_14 Datasheet
102Kb / 4P
   Simple Drive Requirement
AP2303GN-HF A-POWER-AP2303GN-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com