Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS793 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # TFS793
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS793 Datasheet(HTML) 5 Page - Vectron International, Inc

  TFS793 Datasheet HTML 1Page - Vectron International, Inc TFS793 Datasheet HTML 2Page - Vectron International, Inc TFS793 Datasheet HTML 3Page - Vectron International, Inc TFS793 Datasheet HTML 4Page - Vectron International, Inc TFS793 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Filename: tfs 793.doc
Version 3.0
13.01.2012
Vectron International
Filter specification
TFS 793
5/5
Vectron International GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or
information.
History
Version
Reason of Changes
Name
Date
1.0
- Generation of development specification
Strehl
27.09.2007
1.1
- Change stability characteristics
Strehl
08.10.2007
1.2
- Generation of filter specification
S.Springfeldt
21.01.2008
2.0
- Adding line to data table (@818MHz…830MHz)
- Change of tape and reel orientation
S.Springfeldt
13.04.2011
3.0
- Change of Operating temperature range limit from -10°C to -40°C
S.Springfeldt
13.01.2012


Similar Part No. - TFS793

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS794 VECTRON-TFS794 Datasheet
99Kb / 5P
   Vectron International Filter specification
TFS796 VECTRON-TFS796 Datasheet
142Kb / 5P
   Vectron International Filter specification
TFS799 VECTRON-TFS799 Datasheet
80Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS793

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com