Electronic Components Datasheet Search |
|
LQP03TQ3N8B02 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
LQP03TQ3N8B02 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 2 page LQP03TQ3N8B02# # indicates a package specification code. < List of part numbers with package codes > LQP03TQ3N8B02D , LQP03TQ3N8B02J , LQP03TQ3N8B02B Shape L size 0.6 ±0.03mm W size 0.3 ±0.03mm T size 0.3 ±0.02mm Size code in inch (mm) 0201 (0603) Specifications Inductance 3.8nH ±0.1nH Inductance test frequency 500MHz Rated current (Itemp) (Based on Temperature rise) 400mA Max. of DC resistance 0.25Ω Q (min.) 17 Self resonance frequency (min.) 6500MHz Operating temperature range -55∼125℃ Class of magnetic shield No magnetic shield References Packaging code Specifications Minimum quantity φ180mm Paper taping 15000 φ330mm Paper taping 50000 Packing in bulk 500 Mass (Typ.) 1 piece 0.0002g 1 of 2 1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : http://www.murata.com/ Last updated: 2016/04/11 |
Similar Part No. - LQP03TQ3N8B02 |
|
Similar Description - LQP03TQ3N8B02 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |