Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N139 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 6N139
Description  High Speed Optocoupler, 100 kBd, Low Input Current,
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N139 Datasheet(HTML) 4 Page - Vishay Siliconix

  6N139 Datasheet HTML 1Page - Vishay Siliconix 6N139 Datasheet HTML 2Page - Vishay Siliconix 6N139 Datasheet HTML 3Page - Vishay Siliconix 6N139 Datasheet HTML 4Page - Vishay Siliconix 6N139 Datasheet HTML 5Page - Vishay Siliconix 6N139 Datasheet HTML 6Page - Vishay Siliconix 6N139 Datasheet HTML 7Page - Vishay Siliconix 6N139 Datasheet HTML 8Page - Vishay Siliconix 6N139 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
6N138, 6N139
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 23-Jan-15
4
Document Number: 83605
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Switching Test Circuit
Notes
(1) Common mode transient immunity in logic high level is the maxium tolerable (positive) dVcm/dt on the leading edge of the common mode
pulse, VCM, to assure that the output will remain in a logic high state (i.e. VO > 2 V) common mode transient immunity in logic low level is
the maximum tolerable (negative) dVcm/dt on the trailing edge of the common mode pulse signal, VCM to assure that the output will remain
in a logic low state (i.e. VO < 0.8 V).
(2) In applications where dV/dt may exceed 50 000 V/μs (such as state discharge) a series resistor, RCC should be included to protect IC from
destructively high surge currents. The recommend value is RCC
≅ [(1 V)/(0.15 IF (mA)] kΩ
Fig. 2 - Test Circuit for Transient Immunity and Typical Waveforms
COMMON MODE TRANSIENT IMMUNITY
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Common mode transient
immunity, logic high level
output (1)(2)
IF = 0 mA, RL = 2.2 k
Ω,
RCC = 0, |VCM| = 10 VP-P
|CMH|
500
V/μs
Common mode transient
immunity, logic low level
output (1)(2)
IF = 16 mA, RL = 2.2 k
Ω,
RCC = 0, |VCM| = 10 VP-P
|CML|
- 500
V/μs
isfh6318t_01
Pulse
generator
ZO =5 0 Ω
tr =5n s
IF = monitor
10 % duty cycle
1/f < 100 µs
IF
RL
VO
C L= 15 pF
0.1 µF
+ 5 V
R m
1
2
3
4
8
7
6
5
tr
5V
10 %
V
tPLH
tPHL
5V
VOL
90 %
0
I
(saturated
response)
1.5 V
1.5 V
(non-saturated
response)
V O
tf
10 %
90 %
isfh6318t_02
1
2
3
4
8
7
6
5
IF
RL
VO
0.1 µF
+ 5 V
VCM
220
Ω
Pulse Generator
+–
VCC
A
B
RCC (see Note 6)
VCM
VO
5V
0V
90 %
10 %
10 %
tr
t f
Switch at A: IF =0mA
Switch at B: IF = 1.6 mA
90 %
VOL
VO
tf+tf=16 ns


Similar Part No. - 6N139

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N139 TOSHIBA-6N139 Datasheet
260Kb / 5P
   IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
logo
Fairchild Semiconductor
6N139 FAIRCHILD-6N139 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N139 AVAGO-6N139 Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
QT Optoelectronics
6N139 QT-6N139 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Toshiba Semiconductor
6N139 TOSHIBA-6N139 Datasheet
202Kb / 6P
   GaA?밃s Ired & Photo IC Current Loop Driver.
More results

Similar Description - 6N139

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6318T VISHAY-SFH6318T Datasheet
129Kb / 7P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 1.6, 20-Apr-07
SFH6318 VISHAY-SFH6318 Datasheet
149Kb / 8P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 2.0, 14-Jul-15
SFH6138 VISHAY-SFH6138 Datasheet
96Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 1.5, 26-Oct-04
SFH6319 VISHAY-SFH6319_V01 Datasheet
175Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
01-Jan-2022
6N139 VISHAY-6N139_V01 Datasheet
234Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
01-Jan-2022
6N138 VISHAY-6N138_08 Datasheet
108Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.5, 07-May-08
6N139 VISHAY-6N139 Datasheet
104Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.6, 23-Jan-15
6N139 VISHAY-6N139_18 Datasheet
262Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.7, 24-Sep-2018
logo
Skyworks Solutions Inc.
OLH400 SKYWORKS-OLH400 Datasheet
577Kb / 6P
   High-Speed Hermetic, Low-Input Current Optocoupler
April 13, 2017
logo
Siemens Semiconductor G...
6N138 SIEMENS-6N138 Datasheet
32Kb / 2P
   LOW INPUT CURRENT, HIGH GAIN OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com