Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP28G40GEH Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP28G40GEH
Description  High Peak Current Capability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP28G40GEH Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP28G40GEH Datasheet HTML 1Page - Advanced Power Electronics Corp. AP28G40GEH Datasheet HTML 2Page - Advanced Power Electronics Corp. AP28G40GEH Datasheet HTML 3Page - Advanced Power Electronics Corp. AP28G40GEH Datasheet HTML 4Page - Advanced Power Electronics Corp. AP28G40GEH Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Collector Current v.s.
Fig 4. Collector- Emitter Saturation Voltage
Gate-Emitter Voltage
v.s. Junction Temperature
Fig 5. Collector Current v.s.
Fig 6. Collector Current v.s.
Gate-Emitter Voltage
Gate-Emitter Voltage
2
AP28G40GEH/J
1.0
1.4
1.8
2.2
2.6
3.0
0
25
50
75
100
125
150
Junction Temperature (
o C)
V GE =4.0V
I C =90A
I C =20A
I C =60A
0
20
40
60
80
100
02
468
V CE , Collector-Emitter Voltage (V)
T C =150
o C
5.0 V
4. 5 V
3.5 V
3 .0V
V G = 2.5
V
0
40
80
120
160
024
68
V CE , Collector-Emitter Voltage (V)
T C =25
o C
5.0V
4.5V
3.5V
3.0V
V G =2.5
1
2
3
4
5
6
01
234
56
V GE , Gate-Emitter Voltage(V)
I C = 120A
T C =25
o C
0
20
40
60
80
100
01234
V GE , Gate-Emitter Voltage (V)
V CE = 2.5V
T C =150
o C
I C =80A
0
2
4
6
8
10
0123
456
V GE , Gate-Emitter Voltage(V)
T C =150
o C
I C =80A
I C =40A
I C =60A
I C =40A
T C =25
o C
.


Similar Part No. - AP28G40GEH

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP28G40GEM-HF A-POWER-AP28G40GEM-HF Datasheet
52Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP28G40GEM-HF A-POWER-AP28G40GEM-HF_14 Datasheet
52Kb / 3P
   High Peak Current Capability
AP28G40GEM-HF A-POWER-AP28G40GEM-HF_16 Datasheet
69Kb / 4P
   High Peak Current Capability
AP28G40GEO A-POWER-AP28G40GEO Datasheet
101Kb / 4P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - AP28G40GEH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA80R460CE INFINEON-IPA80R460CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Advanced Power Electron...
AP28G40GEM-HF A-POWER-AP28G40GEM-HF_16 Datasheet
69Kb / 4P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R1K4CE INFINEON-IPA80R1K4CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
IPA80R310CE INFINEON-IPA80R310CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Vishay Siliconix
SIHG20N50C VISHAY-SIHG20N50C Datasheet
189Kb / 8P
   High Peak Current Capability
Rev. C, 14-Mar-11
logo
Advanced Power Electron...
AP28G40GEM-HF A-POWER-AP28G40GEM-HF_14 Datasheet
52Kb / 3P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R1K0CE INFINEON-IPA80R1K0CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
IPA80R650CE INFINEON-IPA80R650CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
IPI60R099CP INFINEON-IPI60R099CP_15 Datasheet
551Kb / 10P
   High peak current capability
2014-05-28 revision:2.1
logo
TE Connectivity Ltd
250 TEC-250 Datasheet
299Kb / 3P
   High peak current carrying capability up to 6000A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com